Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 182 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 182 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 178Page - Renesas Technology Corp 32186 Datasheet HTML 179Page - Renesas Technology Corp 32186 Datasheet HTML 180Page - Renesas Technology Corp 32186 Datasheet HTML 181Page - Renesas Technology Corp 32186 Datasheet HTML 182Page - Renesas Technology Corp 32186 Datasheet HTML 183Page - Renesas Technology Corp 32186 Datasheet HTML 184Page - Renesas Technology Corp 32186 Datasheet HTML 185Page - Renesas Technology Corp 32186 Datasheet HTML 186Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 1032 page
background image
6
INTERNAL MEMORY
6-40
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
6.6 Programming Internal Flash Memory
(5) Clear Status Register command
The Clear Status Register command clears the Flash Status Register (FSTAT) ERASE (erase status), and
WRERR (write status) bits to "0." Write the command data (H’5050) to any address of the internal flash
memory, and Flash Status Register is thereby initialized. Also, issue the Clear Status Register command,
and Flash Status Register 3 (FCNT3) is initialized.
If an error occurs when programming or erasing the flash memory and the Flash Status Register (FSTAT)
ERASE (erase status) or WRERR (write status) bit is set to "1," the next programming or erase operation
cannot be executed unless each status bit is cleared to "0."
START
Write the Clear Status Register command (H'5050)
to any address of the internal flash memory
END
Figure 6.6.12 Clear Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com