Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 186 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 182Page - Renesas Technology Corp 32186 Datasheet HTML 183Page - Renesas Technology Corp 32186 Datasheet HTML 184Page - Renesas Technology Corp 32186 Datasheet HTML 185Page - Renesas Technology Corp 32186 Datasheet HTML 186Page - Renesas Technology Corp 32186 Datasheet HTML 187Page - Renesas Technology Corp 32186 Datasheet HTML 188Page - Renesas Technology Corp 32186 Datasheet HTML 189Page - Renesas Technology Corp 32186 Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 1032 page
background image
6
INTERNAL MEMORY
6-44
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
6.7 Virtual Flash Emulation Function
The microcomputer has the function to map 8-Kbyte memory blocks of the internal RAM (maximum for 32185 is
4 blocks, for 32186 is 8 blocks) into areas (L banks) of the internal flash memory that are divided in 8-Kbyte units.
This functions is referred to as the Virtual Flash Emulation Function.
This is the function allows shift from the contents of internal flash memory at the addresses specified by the
Virtual Flash L Bank Register to the data located in 8-Kbyte blocks of the internal RAM. That way, the relevant
RAM data can read out by reading the content of internal flash memory.
For applications that require modifying the contents of internal flash memory (e.g., data table) during operation, this
function enables dynamic data modification by modifying the relevant internal RAM data.
The internal RAM blocks allocated for virtual flash emulation can be accessed for read and write the same way as in
usual internal RAM.
This function, when used in combination with the microcomputer’s internal Real-Time Debugger (RTD), allows the
data table, etc. created in the internal flash memory to be referenced or rewritten from the outside, thereby facilitat-
ing data table tuning from an external device.
Note: • Before programming/erasing the internal flash memory, always be sure to exit this virtual flash
emulation mode.
6.7 Virtual Flash Emulation Function
Figure 6.7.1 Internal RAM Bank Configuration of the 32185
H'0080 4000
H'0080 5FFF
H'0080 6000
H'0080 7FFF
H'0080 8000
H'0080 A000
H'0080 BFFF
H'0080 9FFF
RAM bank L block 0
(FELBANK0)
8 Kbytes
RAM bank L block 1
(FELBANK1)
8 Kbytes
RAM bank L block 2
(FELBANK2)
8 Kbytes
RAM bank L block 3
(FELBANK3)
8 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com