Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 189 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 189 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 185Page - Renesas Technology Corp 32186 Datasheet HTML 186Page - Renesas Technology Corp 32186 Datasheet HTML 187Page - Renesas Technology Corp 32186 Datasheet HTML 188Page - Renesas Technology Corp 32186 Datasheet HTML 189Page - Renesas Technology Corp 32186 Datasheet HTML 190Page - Renesas Technology Corp 32186 Datasheet HTML 191Page - Renesas Technology Corp 32186 Datasheet HTML 192Page - Renesas Technology Corp 32186 Datasheet HTML 193Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 1032 page
background image
6
INTERNAL MEMORY
6-47
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
6.7 Virtual Flash Emulation Function
Figure 6.7.4 Virtual Flash Emulation Area divided in 8-Kbyte units for the M32186F8
H'0000 0000
H'0000 2000
H'0000 4000
H'000F E000
H'000F C000
<Internal flash>
L bank 0
(8 Kbytes)
L bank 1
(8 Kbytes)
L bank 2
(8 Kbytes)
L bank 126
(8 Kbytes)
L bank 127
(8 Kbytes)
<Internal RAM>
Notes: • If the same bank area is set in two or more Virtual Flash L Bank Registers and accessed
while each register’s flash emulation enable bit is enabled, the data will be destroyed.
Therefore, do not set the same bank area in two or more registers.
• If any 8-Kbyte area (L bank) specified by the Virtual Flash L Bank Registers 0 to 7 is accessed,
its corresponding internal RAM area is accessed. During virtual flash emulation mode, internal RAM can be accessed
for read and write from both the internal RAM area and the virtual flash set area.
H'0080 4000
H'0080 6000
H'0080 8000
H'0081 2000
8 Kbytes
8 Kbytes
8 Kbytes
8 Kbytes
Figure 6.7.5 Values Set in Virtual Flash Bank Register when divided in 8-Kbyte units (32185)
H'0000 0000
L bank
Start address of bank
in flash memory
Values set in L bank
address (LBANKAD) bit
L bank 0
L bank 1
L bank 2
L bank 62
L bank 63
H'0000 2000
H'0000 4000
H'0007 C000
H'0007 E000
H'000
H'002
H'004
H'07C
H'07E
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
Note 1: Set the eight start address bits A11-A18 of each L bank of internal flash memory that is divided in 8-Kbyte units
in the Virtual Flash L Bank Register's L bank address (LBANKAD) bits.
Note: • Because the internal flash memory of the M32185F4 is 512 Kbytes, the address b7 (A11) and b8 (A12)
must always be set to "0."



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com