Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 191 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 191 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 187Page - Renesas Technology Corp 32186 Datasheet HTML 188Page - Renesas Technology Corp 32186 Datasheet HTML 189Page - Renesas Technology Corp 32186 Datasheet HTML 190Page - Renesas Technology Corp 32186 Datasheet HTML 191Page - Renesas Technology Corp 32186 Datasheet HTML 192Page - Renesas Technology Corp 32186 Datasheet HTML 193Page - Renesas Technology Corp 32186 Datasheet HTML 194Page - Renesas Technology Corp 32186 Datasheet HTML 195Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 1032 page
background image
6
INTERNAL MEMORY
6-49
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
6.7.2 Entering Virtual Flash Emulation Mode
To enter virtual flash emulation mode, set the Flash Control Register 1 (FCNT1) FEMMOD bit by writing "1."
After entering virtual flash emulation mode, set the Virtual Flash L Bank Register MODENL bit to "1" to enable
the Virtual Flash Emulation Function.
Even during virtual flash emulation mode, the internal RAM area (M32185F4: H'0080 4000 to H'0080 BFFF,
M32186: H’0080 4000 to H’0081 3FFF) can be accessed the same way as in usual internal RAM.
Figure 6.7.7 Virtual Flash Emulation Mode Sequence
6.7 Virtual Flash Emulation Function
Set RAM location address in
Virtual Flash L Bank Register
LBANKAD
← Address A11–A18
Write flash data to RAM
Enable virtual flash emulation
MODENL
← 1
Settings completed
Enter virtual flash emulation mode
FEMMOD
← 1
Settings start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com