Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 193 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 189Page - Renesas Technology Corp 32186 Datasheet HTML 190Page - Renesas Technology Corp 32186 Datasheet HTML 191Page - Renesas Technology Corp 32186 Datasheet HTML 192Page - Renesas Technology Corp 32186 Datasheet HTML 193Page - Renesas Technology Corp 32186 Datasheet HTML 194Page - Renesas Technology Corp 32186 Datasheet HTML 195Page - Renesas Technology Corp 32186 Datasheet HTML 196Page - Renesas Technology Corp 32186 Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 1032 page
background image
6
INTERNAL MEMORY
6-51
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
6.8 Connecting to Serial Programmer (CSIO Mode)
Figure 6.8.1 Pin Connection Diagram (CSIO Mode)
The diagram below shows an example of a user system configuration which has had a serial programmer con-
nected. After the user system is powered on, the serial programmer writes to the internal flash memory in clock-
synchronous serial mode (CSIO mode). No communication problems associated with the oscillator frequency
may occur. If the system uses any pins that are to be connected to a serial programmer, care must be taken to
prevent adverse effects on the system when a serial programmer is connected. Note that the serial programmer
uses the addresses H’0000 0084 through H’0000 008F as an area in which to check the ID for flash memory
protection. If the internal flash memory needs to be protected, set any ID in this area.
VCC-BUS
32185/32186
XOUT
XIN
JTRST
MOD1
AVSS0
VSS
RESET#
FP
MOD0
P84/SCLKI0/SCLKO0
P87/SCLKI1/SCLKO1
P86/RXD1
P85/TXD1
EXCVDD
EXCVCC
VREF0
AVCC0
VDDE
VCCER
Connect to the VCCE (5 or 3.3 V)
power supply rail
Main power supply
Connect to the
VCCE (5 or 3.3V)
power supply rail
Main power supply
(for reference)
RxD (input)
TxD (output)
SCLK0 (output)
BUSY (input)
MOD0 (output)
FP (output)
RESET (output)
GND (common)
Connector
Flash programmer signals
To system circuit
Set microcomputer
operating conditions
User system board
Note 1: SBI# must be fixed "H" or "L" to ensure that no interrupts will be generated.
Notes: • Turn on the power for the user system before writing to the internal flash memory.
• If P84-P87 are used in the system circuit, connection to a serial programmer must be taken into consideration.
• The pullup resistance values of P84, P86 and P87 must be selected to suit the system design condition.
• The typical pullup resistance values of P84, P86 and P87 are 4.7 to 10 K
Ω.
• The status of any other ports that are not shown here will not affect flash memory programming.
• Make sure the mode setting pin/power supply voltages do not fluctuate to prevent unintended changes of modes
while rewriting the internal flash memory.
MOD2
Connect to the
user system
power supply rail
SBI#
(Note 1)
VCCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com