Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 193Page - Renesas Technology Corp 32186 Datasheet HTML 194Page - Renesas Technology Corp 32186 Datasheet HTML 195Page - Renesas Technology Corp 32186 Datasheet HTML 196Page - Renesas Technology Corp 32186 Datasheet HTML 197Page - Renesas Technology Corp 32186 Datasheet HTML 198Page - Renesas Technology Corp 32186 Datasheet HTML 199Page - Renesas Technology Corp 32186 Datasheet HTML 200Page - Renesas Technology Corp 32186 Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 1032 page
background image
6
INTERNAL MEMORY
6-55
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
6.11 Notes on Internal RAM
6.11 Notes on Internal RAM
Precautions about the Internal Memory is shown below.
• The writes from DRI,RTD to internal RAM uncompete with access from other bus masters (CPU, DMA, NBD,
SDI), because of using dedicated bus not M32R-FPU.
But in case DRI,RTD transfers and access from other bus masters for area in 16-Kbyte of internal RAM
occur at same time, access competition occurs.
When access competition occurs, arbitration is performed according to the following priority.
NBD/SDI > DMA > CPU > DRI > RTD
• When started by boot mode, internal RAM value is indefinite after started by boot mode in order to "Flash
writing/ Erase program" is transferd to internal RAM.
6.12 Notes on Internal Flash Memory
The following describes precautions to be taken when programming/erasing the internal flash memory.
• When the internal flash memory is programmed or erased, a high voltage is generated internally. Because
mode transitions during programming/erase operation may cause the chip to break down, make sure the mode
setting/reset pin and power supply voltages do not fluctuate to prevent unintended changes of modes.
• If the system uses any pins that are to be used by a general-purpose programming/erase tool, care must be
taken to prevent adverse effects on the system when the tool is connected.
• If the internal flash memory needs to be protected while using a general-purpose programming/erase tool, set
any ID in the flash memory protect ID verification area (H’0000 0084 to H’0000 008F).
• If the internal flash memory does not need to be protected while using a general-purpose programming/erase
tool, fill the entire flash memory protect ID verification area (H’0000 0084 to H’0000 008F) with H’FF.
• If the Flash Status Register (FSTAT)’s each error status is to be cleared (initialized to H’80) by resetting the
Flash Control Register 4 (FCNT4) FRESET bit, check to see that the Flash Status Register (FSTAT) FBUSY bit
= "1" (ready) before clearing the error status.
• Before resetting the Flash Control Register 1 (FCNT1) FENTRY bit from "1" to "0," check to see that the Flash
Status Register (FSTAT) FBUSY bit = "1" (ready).
• Do not clear the FENTRY bit if the Flash Control Register 1 (FCNT1) FENTRY bit = "1" and the Flash Status
Register (FSTAT) FBUSY bit = "0" (being programmed or erased).
• When programming/erasing via JTAG, the flash memory can be programmed or erased regardless of the pin
state because the FP pin is controlled internally within the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com