Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 196 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 192Page - Renesas Technology Corp 32186 Datasheet HTML 193Page - Renesas Technology Corp 32186 Datasheet HTML 194Page - Renesas Technology Corp 32186 Datasheet HTML 195Page - Renesas Technology Corp 32186 Datasheet HTML 196Page - Renesas Technology Corp 32186 Datasheet HTML 197Page - Renesas Technology Corp 32186 Datasheet HTML 198Page - Renesas Technology Corp 32186 Datasheet HTML 199Page - Renesas Technology Corp 32186 Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 1032 page
background image
6
INTERNAL MEMORY
6-54
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
6.10 Internal Flash Memory Protect Function
The internal flash memory has the following four types of protect functions to prevent it from being inadvertently
rewritten or illegally copied, programmed or erased.
(1) Flash memory protect ID
When using a tool to program/erase the internal flash memory such as a general-purpose programmer or
emulator, the ID entered by a tool and the ID stored in the internal flash memory are collated. Unless the correct
ID is entered, the internal flash memory cannot be read out, programmed nor erased. (For some tools, tool
execution is enabled after erasing the entire flash memory area, and the internal flash memory becomes
accessible for write.)
(2) Protection by FP pin
The internal flash memory is protected in hardware against programming/erase operation by pulling the FP
(Flash Protect) pin "L." For systems that do not require rewriting flash memory or systems in which flash
reprogramming is prohibited as in the case of automotive applications, make sure the FP pin is fixed "L" except
when programming or erasing the internal flash memory. Furthermore, because the FP pin level can be known
by reading the Flash Mode Register (FMOD)’s FPMOD (external FP pin status) bit in the flash write/erase
program, the internal flash memory can also be protected in software. For systems that do not require protec-
tion by setting external pins, the FP pin may be fixed "H" to simplify the operation to program/erase the internal
flash memory. However, to prevent the flash memory from being inadvertently rewritten by an erratic operation
in software, use the protection by a lock bit described in (4) below.
When programming/erasing via JTAG, the flash memory can be programmed or erased regardless of the pin
state because the FP pin is controlled internally within the chip.
(3) Protection by FENTRY bit
Flash E/W enable mode cannot be entered into unless the Flash Control Register 1 (FCNT1)’s FENTRY (flash
mode entry) bit is set to "1." To set the FENTRY bit to "1," write "0" and then "1" in succession while the FP pin is "H."
(4) Protection by a lock bit
Any block of internal flash memory can be protected by setting the lock bit provided for it to "0." That memory
block is disabled against programming/erase operation.
6.10 Internal Flash Memory Protect Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com