Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 197Page - Renesas Technology Corp 32186 Datasheet HTML 198Page - Renesas Technology Corp 32186 Datasheet HTML 199Page - Renesas Technology Corp 32186 Datasheet HTML 200Page - Renesas Technology Corp 32186 Datasheet HTML 201Page - Renesas Technology Corp 32186 Datasheet HTML 202Page - Renesas Technology Corp 32186 Datasheet HTML 203Page - Renesas Technology Corp 32186 Datasheet HTML 204Page - Renesas Technology Corp 32186 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 1032 page
background image
RESET
7
7-3
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
7.2 Reset Operation
7.2.1 Reset at Power-on
When powering on the microcomputer, hold the RESET# signal input pin "L" until the rated power supply
voltage is reached and the microcomputer’s internal x8 clock generator becomes oscillating stably. For
details, see Section 22.2, "Power-On Sequence."
7.2.2 Reset during Operation
To reset the microcomputer during operation, hold the RESET# signal input pin "L" for more than 300 ns.
7.2.3 Reset Vector Relocation during Flash Programming
When the microcomputer is reset after entering boot mode, the reset vector entry address is moved to the
boot program startup address. The boot program starts running after the reset state is deasserted. For
details, see Section 6.6, “Programming the Internal Flash Memory.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com