| Electronic Components Datasheet Search |
|
32186 Datasheet(PDF) 204 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 Datasheet(HTML) 204 Page - Renesas Technology Corp |
|
204 / 1032 page ![]() 8 INPUT/OUTPUT PORTS AND PIN FUNCTIONS 8-2 32185/32186 Group Hardware Manual Rev.1.10 REJ09B0235-0110 May 15, 07 8.1 Outline of Input/Output Ports The 32185/32186 has a total of 97 input/output ports from P0–P13, P15, P17 and P22 (except P5, which is reserved for future use). These input/output ports can be used as input or output ports by setting the respective direction registers. Each input/output port has double or triple functions shared with other internal peripheral I/O or external bus interface related signal lines, or multiple functions shared with multi-function peripheral I/Os. Pin functions are selected depending on the operation mode of the CPU or by setting the operation mode register and peripheral function select register for the input/output port. (If any internal peripheral I/O has still another function, it is also necessary to set the register provided for that internal peripheral I/O.) Abundant port functions are incorporated, including a port input level switching function, port output drive capa- bility setting function, and noise canceller control function. Note that before any ports can be used in input mode, this port input function enable bit must be set accordingly. The input/output ports are outlined below. Table 8.1.1 Outline of Input/Output Ports Item Specification Number of ports Total 97 ports P0 : P00–P07 (8 ports) P1 : P10–P17 (8 ports) P2 : P20–P27 (8 ports) P3 : P30–P37 (8 ports) P4 : P41–P47 (7 ports) P6 : P61–P63 (3 ports) P7 : P70–P77 (8 ports) P8 : P82–P87 (6 ports) P9 : P93–P97 (5 ports) P10 : P100–P107 (8 ports) P11 : P110–P117 (8 ports) P12 : P124–P127 (4 ports) P13 : P130–P137 (8 ports) P15 : P150, P153 (2 ports) P17 : P174, P175 (2 ports) P22 : P220, P221, P224, P225 (4 ports) Port function The input/output ports can individually be set for input or output mode using the direction control register provided for each input/output port. (However, P221 is an input-only port.) Pin function Shared with peripheral I/O or external bus interface signals to serve dual-functions (or shared with two or more peripheral I/O functions to serve multiple functions) Note: • P5, P14, P16, P18-P21 are nonexist. 8.1 Outline of Input/Output Ports |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |