| Electronic Components Datasheet Search |
|
32186 Datasheet(PDF) 202 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 Datasheet(HTML) 202 Page - Renesas Technology Corp |
|
202 / 1032 page ![]() RESET 7 7-4 32185/32186 Group Hardware Manual Rev.1.10 REJ09B0235-0110 May 15, 07 7.3 Internal State upon Exiting Reset 7.3 Internal State upon Exiting Reset The table below lists the internal state of the microcomputer when it has gotten out of a reset state. For details about the initial register state of each internal peripheral I/O, see each section in this manual in which the relevant internal peripheral I/O is described. Table 7.3.1 Internal State upon Exiting Reset Register State upon exiting reset PSW (CR0) B'0000 0000 0000 0000 ??00 000? 0000 0000 (BSM, BIE, BC bits = undefined) CBR (CR1) H'0000 0000 (C bits = 0) SPI (CR2) Undefined SPU (CR3) Undefined BPC (CR6) Undefined FPSR (CR7) H'0000 0100 (only DN bit = 1) PC H'0000 0000 (Executed beginning with the address H’0000 0000) (Note 1) R0–R15 Undefined ACC (accumulator) Undefined RAM Undefined when reset at power-on. (However, if the RAM is gotten out of reset after returning from backup mode, it retains the content it had before being reset.) Note 1: When in boot mode, the CPU executes the boot program. 7.4 Things to Be Considered upon Exiting Reset • Input/output ports When exiting reset, the microcomputer’s input/output ports are disabled against input in order to prevent shoot- through current. To use any ports in input mode, set the Port Input Special Function Control Register (PICNT) PIEN0 bit to enable them for input. For details, see Section 8.3, “Input/Output Port Related Registers.” |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |