Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 205 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 205 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 201Page - Renesas Technology Corp 32186 Datasheet HTML 202Page - Renesas Technology Corp 32186 Datasheet HTML 203Page - Renesas Technology Corp 32186 Datasheet HTML 204Page - Renesas Technology Corp 32186 Datasheet HTML 205Page - Renesas Technology Corp 32186 Datasheet HTML 206Page - Renesas Technology Corp 32186 Datasheet HTML 207Page - Renesas Technology Corp 32186 Datasheet HTML 208Page - Renesas Technology Corp 32186 Datasheet HTML 209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 1032 page
background image
INPUT/OUTPUT PORTS AND PIN FUNCTIONS
8
8-3
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
8.2 Selecting Pin Functions
8.2 Selecting Pin Functions
Each input/output port has double or triple functions shared with other internal peripheral I/O or external bus
interface related signal lines, or multiple functions shared with multi-function peripheral I/Os. Pin functions are
selected depending on the operation mode of the CPU or by setting the operation mode register and peripheral
function select register for the input/output port. (If any internal peripheral I/O has still another function, it is also
necessary to set the register provided for that internal peripheral I/O.)
P0–P4, P124, P125, P224 and P225, when the CPU is set to operate in processor mode, all are switched to
serve as signal pins for external access. The CPU operation mode is determined depending on how the MOD0
and MOD1 pins are set (see the table below).
Table 8.2.1 CPU Operation Modes and P0–P4, P124, P125, P224 and P225 Pin Functions
MOD0
MOD1
Operation Mode
P0–P4, P124, P125, P224 and P225 Pin Function
VSS
VSS
Single-chip mode
Input/output port pin
VSS
VCCE
External extension mode
Input/output port or external bus interface signal pin (Note 1)
VCCE
VSS
Processor mode
External bus interface signal pin
VCCE
VCCE
(Settings inhibited)
–
Note 1: P41–P43 only function as external bus interface signal pins.
Note: • VCCE and VSS are connected to main power supply and GND, respectively.
Each input/output port has their functions switched between input/output port pins and internal peripheral I/O
pins by setting the respective port operation mode and peripheral function select registers. If any internal periph-
eral I/O has two or more pin functions, use the register provided for that internal peripheral I/O to select the
desired pin function.
Note that FP operations during internal flash memory programming do not affect the pin functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com