Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 190 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 186Page - Renesas Technology Corp 32186 Datasheet HTML 187Page - Renesas Technology Corp 32186 Datasheet HTML 188Page - Renesas Technology Corp 32186 Datasheet HTML 189Page - Renesas Technology Corp 32186 Datasheet HTML 190Page - Renesas Technology Corp 32186 Datasheet HTML 191Page - Renesas Technology Corp 32186 Datasheet HTML 192Page - Renesas Technology Corp 32186 Datasheet HTML 193Page - Renesas Technology Corp 32186 Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 1032 page
background image
6
INTERNAL MEMORY
6-48
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Figure 6.7.6 Values Set in Virtual Flash Bank Register when divided in 8-Kbyte units (32186)
H'0000 0000
L bank
Start address of bank
in flash memory
Values set in L bank
address (LBANKAD) bit
L bank 0
L bank 1
L bank 2
L bank 126
L bank 127
H'0000 2000
H'0000 4000
H'000F C000
H'000F E000
H'000
H'002
H'004
H'0FC
H'0FE
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
Note 1: Set the eight start address bits A11-A18 of each L bank of internal flash memory that is divided in 8-Kbyte units
in the Virtual Flash L Bank Register's L bank address (LBANKAD) bits.
Note: • Because the internal flash memory of the M32186F8 is 1M (1,024K) bytes, the address b7 (A11) must always be set to "0."
6.7 Virtual Flash Emulation Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com