Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 181Page - Renesas Technology Corp 32186 Datasheet HTML 182Page - Renesas Technology Corp 32186 Datasheet HTML 183Page - Renesas Technology Corp 32186 Datasheet HTML 184Page - Renesas Technology Corp 32186 Datasheet HTML 185Page - Renesas Technology Corp 32186 Datasheet HTML 186Page - Renesas Technology Corp 32186 Datasheet HTML 187Page - Renesas Technology Corp 32186 Datasheet HTML 188Page - Renesas Technology Corp 32186 Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 1032 page
background image
6
INTERNAL MEMORY
6-43
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
6.6.4 Flash Programming Time (Reference)
The following shows the time needed to program internal flash memory for reference.
(1) M32186F8
[1] Transfer time by SIO (When the capacity of transfer data : 1024KB)
1 / 57600bps x 1(fram) x 11(the number of transfer bit) x 1024KB = approx. 200.2 [s]
[2] Flash writing time
Other than 4KB block
(1024KB - 4KB x 2) / 8byte x 100µs = approx.13.0 [s]
4KB block
4KB x 2 / 8byte x 200µs = approx.0.2 [s]
Total 13.2 [s]
[3] Erase time (all areas)
0.3s x 3block + 0.5s x 1block + 0.7s x 1block + 1.2s x 15block = 20.1 [s]
[4] Total flash writing time (1024KB all areas)
During 57600bps connection,flash writing time to serial connection is so short that it is able to be
ignored For this reason, flash writing time is calculable with the following formula.
[1] + [3] = approx.220.3 [s]
In addition, the quickest data writing time with high speed is by speeding up serial connection or other
means is calculable with the following formula.
[2] + [3] = approx.33.3 [s]
(2) M32185F4
[1] Transfer time by SIO (When the capacity of transfer data : 512KB)
1 / 57600bps x 1(fram) x 11(the number of transfer bit) x 512KB = approx. 100.1 [s]
[2] Flash writing time
Other than 4KB block
(512KB - 4KB x 2) / 8byte x 100ms = approx.6.5 [s]
4KB block
4KB x 2 / 8byte x 200ms = approx.0.2 [s]
Total 6.7 [s]
[3] Erase time (all areas)
0.3s x 3block + 0.5s x 1block + 0.7s x 1block + 1.2s x 7block = 10.5 [s]
[4] Total flash writing time (512KB all areas)
During 57600bps connection,flash writing time to serial connection is so short that it is able to be
ignored For this reason, flash writing time is calculable with the following formula.
[1] + [3] = approx.110.6 [s]
In addition, the quickest data writing time with high speed is by speeding up serial connection or other
means is calculable with the following formula.
[2] + [3] = approx.17.2 [s]
6.6 Programming Internal Flash Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com