Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 179 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 179 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 175Page - Renesas Technology Corp 32186 Datasheet HTML 176Page - Renesas Technology Corp 32186 Datasheet HTML 177Page - Renesas Technology Corp 32186 Datasheet HTML 178Page - Renesas Technology Corp 32186 Datasheet HTML 179Page - Renesas Technology Corp 32186 Datasheet HTML 180Page - Renesas Technology Corp 32186 Datasheet HTML 181Page - Renesas Technology Corp 32186 Datasheet HTML 182Page - Renesas Technology Corp 32186 Datasheet HTML 183Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 1032 page
background image
6
INTERNAL MEMORY
6-37
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
6.6 Programming Internal Flash Memory
(3) Lock Bit Program command
The internal flash memory can be protected against programming/erase operation one block at a time. The
Lock Bit Program command is provided for protecting the flash memory blocks.
Write the Lock Bit Program command (H’7777) to any address of the internal flash memory. Next, write the
Verify command (H’D0D0) to the last even address of the flash memory block to be protected, and this
memory block is thereby protected against programming/erase operation. To remove protection, use the
Flash Control Register 2 (FCNT2) FPROT (Rock bit protect control) bit to invalidate protection by a lock bit
and erase the flash memory block whose protection is to be removed. (The content of that memory block is
also erased.)
Lock bit programming is automatically performed by the internal control circuit, and whether the Lock Bit
Program command has finished can be known by checking the Flash Status Register (FSTAT) FBUSY
(Flash busy) bit. While the FBUSY bit = "0," the next programming cannot be performed.
The table below lists the target flash memory blocks and their addresses to be specified when writing the
Verify command data.
Table 6.6.3 Target Blocks and Specified Addresses
Target Block
Specified Address
0
H'0000 1FFE
1
H'0000 2FFE
2
H'0000 3FFE
3
H'0000 7FFE
4
H'0000 FFFE
5
H'0001 FFFE
6
H'0002 FFFE
7
H'0003 FFFE
8
H'0004 FFFE
9
H'0005 FFFE
10
H'0006 FFFE
11
H'0007 FFFE
12
H'0008 FFFE
13
H'0009 FFFE
14
H'000A FFFE
15
H'000B FFFE
16
H'000C FFFE
17
H'000D FFFE
18
H'000E FFFE
19
H'000F FFFE
Note: • Block 12 to block 19 exist only in the 32186 and do not exist in the 32185.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com