Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 172Page - Renesas Technology Corp 32186 Datasheet HTML 173Page - Renesas Technology Corp 32186 Datasheet HTML 174Page - Renesas Technology Corp 32186 Datasheet HTML 175Page - Renesas Technology Corp 32186 Datasheet HTML 176Page - Renesas Technology Corp 32186 Datasheet HTML 177Page - Renesas Technology Corp 32186 Datasheet HTML 178Page - Renesas Technology Corp 32186 Datasheet HTML 179Page - Renesas Technology Corp 32186 Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 1032 page
background image
6
INTERNAL MEMORY
6-34
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
6.6 Programming Internal Flash Memory
Figure 6.6.7 Procedure for Entering Normal Mode
START
Execute flash write/erase command
and various read commands
FBUSY bit = 1
(Note 1)
YES
NO
Execute read array command or
reset flash memory with the FRESET bit
in Flash Control Register 4 (FCNT4)
FAENS bit = 1
(Note 2)
YES
NO
Set the FENTRY bit of the Flash
Control Register 1 (FCNT1) to 0
Wait for more than 8 CPUCLK cycles (Note 3)
END
Note 1: If it is checked that the value of FBUSY bit in Flash Status Register (FSTAT) is "1" after executing the
command in flash E/W enable mode, it is not necessary to check that the value of FBUSY bit is "1."
Note 2: If flash memory reset by FRESET bit in Flash Control Register 4 (FCNT4) is not executed, it is not
necessary to check that the value of FAENS bit in Flash Mode Register (FMOD) is "1."
Note 3: Insert any instructions for more than 8 CPUCLK waits other than NOP that do not require clock cycles
(one that is automatically inserted by the assembler for alignment adjustment: instruction code H'F000).
As the EI vector entry address is exchanged in the instructions for 8 CPUCLK waits, disenable the External
Interrupt (EI).
Note: • When switching to normal mode by entering a "L" level signal to the RESET# pin in flash E/W enable mode,
enter the signal to the RESET# pin after checking that the value of FBUSY bit is "1"(ready).
Jump to the flash memory or apply reset
Switched to normal mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com