Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 268 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 268 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 264Page - Renesas Technology Corp 32186 Datasheet HTML 265Page - Renesas Technology Corp 32186 Datasheet HTML 266Page - Renesas Technology Corp 32186 Datasheet HTML 267Page - Renesas Technology Corp 32186 Datasheet HTML 268Page - Renesas Technology Corp 32186 Datasheet HTML 269Page - Renesas Technology Corp 32186 Datasheet HTML 270Page - Renesas Technology Corp 32186 Datasheet HTML 271Page - Renesas Technology Corp 32186 Datasheet HTML 272Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 1032 page
background image
DMAC
9
9-22
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
DMA8 Channel Control Register 0 (DM8CNT0)
<Address: H’0080 0448>
1
23456
b7
b0
SADSL8 DADSL8
MDSEL8 TREQF8
REQSL8
TENL8
TSZSL8
00000000
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0
MDSEL8
0: Normal mode
R
W
DMA8 transfer mode select bit
1: Ring buffer mode
1
TREQF8
0: Transfer not requested
R(Note 1)
DMA8 transfer request flag bit
1: Transfer requested
2, 3
REQSL8
00: Software start
R
W
DMA8 transfer request source select bit
01: MJT (input event bus 0)
10: SIO3_RXD (reception completed)
11: Extended DMA8 transfer request source selected
(DMA8 Channel Control Register 1)
4
TENL8
0: Disable transfer
R
W
DMA8 transfer enable bit
1: Enable transfer
5
TSZSL8
0: 16 bits
R
W
DMA8 transfer size select bit
1: 8 bits
6
SADSL8
0: Fixed
R
W
DMA8 source address direction select bit
1: Increment
7
DADSL8
0: Fixed
R
W
DMA8 destination address direction select bit
1: Increment
Note 1: Only writing "0" is effective. Writing "1" has no effect; the bit retains the value it had before the write.
9.2 DMAC Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com