Electronic Components Datasheet Search
  English  ▼

X  

HD64F7047 Datasheet(PDF) 343 Page - Renesas Technology Corp

Part # HD64F7047
Description  Renesas 32-Bit RISC Microcomputer SuperHTMRISC engine Family/SH7000 Series
PDF  764 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7047 Datasheet(HTML) 343 Page - Renesas Technology Corp

Back Button HD64F7047 Datasheet HTML 339Page - Renesas Technology Corp HD64F7047 Datasheet HTML 340Page - Renesas Technology Corp HD64F7047 Datasheet HTML 341Page - Renesas Technology Corp HD64F7047 Datasheet HTML 342Page - Renesas Technology Corp HD64F7047 Datasheet HTML 343Page - Renesas Technology Corp HD64F7047 Datasheet HTML 344Page - Renesas Technology Corp HD64F7047 Datasheet HTML 345Page - Renesas Technology Corp HD64F7047 Datasheet HTML 346Page - Renesas Technology Corp HD64F7047 Datasheet HTML 347Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 764 page
background image
Rev. 2.00, 09/04, page 303 of 720
Operation when Error Occurs during Reset-Synchronous PWM Mode Operation, and
Operation is Restarted in PWM Mode 1: Figure 10.111 shows an explanatory diagram of the
case where an error occurs in reset-synchronous PWM mode and operation is restarted in PWM
mode 1 after re-setting.
1
RESET
2
TOCR
3
TMDR
(RPWM)
5
PFC
(MTU)
4
TOER
(1)
6
TSTR
(1)
7
Match
8
Error
occurs
9
PFC
(PORT)
10
TSTR
(0)
11
TMDR
(PWM1)
12
TIOR
(1 init
0 out)
13
PFC
(MTU)
14
TSTR
(1)
MTU module
output
TIOC3A
TIOC3B
TIOC3D
Port output
PE9
PE8
PE11
• Not initialized (TIOC3B)
• Not initialized (TIOC3D)
High-Z
High-Z
High-Z
Figure 10.111 Error Occurrence in Reset-Synchronous PWM Mode,
Recovery in PWM Mode 1
1 to 10 are the same as in Figure 10.110.
11. Set PWM mode 1. (MTU positive phase output is low, and negative phase output is high.)
12. Initialize the pins with TIOR. (In PWM mode 1, the TIOC *B side is not initialized.)
13. Set MTU output with the PFC.
14. Operation is restarted by TSTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com