Electronic Components Datasheet Search
  English  ▼

X  

HD64F7047 Datasheet(PDF) 391 Page - Renesas Technology Corp

Part # HD64F7047
Description  Renesas 32-Bit RISC Microcomputer SuperHTMRISC engine Family/SH7000 Series
PDF  764 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7047 Datasheet(HTML) 391 Page - Renesas Technology Corp

Back Button HD64F7047 Datasheet HTML 387Page - Renesas Technology Corp HD64F7047 Datasheet HTML 388Page - Renesas Technology Corp HD64F7047 Datasheet HTML 389Page - Renesas Technology Corp HD64F7047 Datasheet HTML 390Page - Renesas Technology Corp HD64F7047 Datasheet HTML 391Page - Renesas Technology Corp HD64F7047 Datasheet HTML 392Page - Renesas Technology Corp HD64F7047 Datasheet HTML 393Page - Renesas Technology Corp HD64F7047 Datasheet HTML 394Page - Renesas Technology Corp HD64F7047 Datasheet HTML 395Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 764 page
background image
Rev. 2.00, 09/04, page 351 of 720
12.4
Operation in Asynchronous Mode
Figure 12.2 shows the general format for asynchronous serial communication. One frame consists
of a start bit (low level), followed by data, a parity bit, and finally stop bits (high level). In
asynchronous serial communication, the transmission line is usually held in the mark state (high
level). The SCI monitors the communication line, and when it goes to the space state (low level),
recognizes a start bit and starts serial communication. Inside the SCI, the transmitter and receiver
are independent units, enabling full-duplex communication. Both the transmitter and the receiver
also have a double-buffered structure, so that data can be read or written during transmission or
reception, enabling continuous data transfer.
LSB
Start
bit
MSB
Idle state
(mark state)
Stop bit
0
Transmit/receive data
D0
D1
D2
D3
D4
D5
D6
D7
0/1
1
1
1
1
Serial
data
Parity
bit
1 bit
1 or 2 bits
7 or 8 bits
1 bit
or
none
One unit of transfer data (character or frame)
Figure 12.2 Data Format in Asynchronous Communication (Example with 8-Bit Data,
Parity, Two Stop Bits)
12.4.1
Data Transfer Format
Table 12.8 shows the data transfer formats that can be used in asynchronous mode. Any of 12
transfer formats can be selected according to the SMR setting. For details on the multiprocessor
bit, refer to section 12.5, Multiprocessor Communication Function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com