Electronic Components Datasheet Search
  English  ▼

X  

HD64F7047 Datasheet(PDF) 419 Page - Renesas Technology Corp

Part # HD64F7047
Description  Renesas 32-Bit RISC Microcomputer SuperHTMRISC engine Family/SH7000 Series
PDF  764 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7047 Datasheet(HTML) 419 Page - Renesas Technology Corp

Back Button HD64F7047 Datasheet HTML 415Page - Renesas Technology Corp HD64F7047 Datasheet HTML 416Page - Renesas Technology Corp HD64F7047 Datasheet HTML 417Page - Renesas Technology Corp HD64F7047 Datasheet HTML 418Page - Renesas Technology Corp HD64F7047 Datasheet HTML 419Page - Renesas Technology Corp HD64F7047 Datasheet HTML 420Page - Renesas Technology Corp HD64F7047 Datasheet HTML 421Page - Renesas Technology Corp HD64F7047 Datasheet HTML 422Page - Renesas Technology Corp HD64F7047 Datasheet HTML 423Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 419 / 764 page
background image
Rev. 2.00, 09/04, page 379 of 720
Section 13 A/D Converter
This LSI includes a successive approximation type 10-bit A/D converter. The block diagram of the
A/D converter is shown in figure 13.1.
13.1
Features
• 10-bit resolution
• Input channels
16 channels (two independent A/D conversion modules)
• Conversion time: 6.7 µs per channel (at Pφ = 20 MHz operation), 5.4 µs (during Pφ = 25 MHz
operation)
• Three operating modes
 Single mode: Single-channel A/D conversion
 Continuous scan mode: Repetitive A/D conversion on 1 to 8 channels
 Single-cycle scan mode: Continuous A/D conversion on 1 to 8 channels
• Data registers
 Conversion results are held in a 16-bit data register for each channel
• Sample and hold function
• Three methods for conversion start
 Software
 Conversion start trigger from multifunction timer pulse unit (MTU) or motor management
timer (MMT)
 External trigger signal
• Interrupt request
 An A/D conversion end interrupt request (ADI) can be generated
• Module stop mode can be set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com