Electronic Components Datasheet Search
  English  ▼

X  

HD64F7047 Datasheet(PDF) 426 Page - Renesas Technology Corp

Part # HD64F7047
Description  Renesas 32-Bit RISC Microcomputer SuperHTMRISC engine Family/SH7000 Series
PDF  764 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7047 Datasheet(HTML) 426 Page - Renesas Technology Corp

Back Button HD64F7047 Datasheet HTML 422Page - Renesas Technology Corp HD64F7047 Datasheet HTML 423Page - Renesas Technology Corp HD64F7047 Datasheet HTML 424Page - Renesas Technology Corp HD64F7047 Datasheet HTML 425Page - Renesas Technology Corp HD64F7047 Datasheet HTML 426Page - Renesas Technology Corp HD64F7047 Datasheet HTML 427Page - Renesas Technology Corp HD64F7047 Datasheet HTML 428Page - Renesas Technology Corp HD64F7047 Datasheet HTML 429Page - Renesas Technology Corp HD64F7047 Datasheet HTML 430Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 764 page
background image
Rev. 2.00, 09/04, page 386 of 720
13.3.4
A/D Trigger Select Register (ADTSR)
The ADTSR enables an A/D conversion started by an external trigger signal.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 4
All 0
R
Reserved
These bits are always read as 0, and should only be
written with 0.
3
2
TRG1S1
TRG1S0
0
0
R/W
R/W
AD Trigger 1 Select 1 and 0
Enable the start of A/D conversion by A/D1 with a trigger
signal.
00: A/D conversion start by external trigger pin (
ADTRG)
or MTU trigger is enabled
01: A/D conversion start by external trigger pin (
ADTRG)
is enabled
10: A/D conversion start by MTU trigger is enabled
11: A/D conversion start by MMT trigger is enabled
When changing the operating mode, first clear the TRGE
and ADST bit in the A/D control registers (ADCRs) to 0.
1
0
TRG0S1
TRG0S0
0
0
R/W
R/W
AD Trigger 0 Select 1 and 0
Enable the start of A/D conversion by A/D0 with a trigger
signal.
00: A/D conversion start by external trigger pin (
ADTRG)
or MTU trigger is enabled
01: A/D conversion start by external trigger pin (
ADTRG)
is enabled
10: A/D conversion start by MTU trigger is enabled
11: A/D conversion start by MMT trigger is enabled
When changing the operating mode, first clear the TRGE
and ADST bit in the A/D control registers (ADCRs) to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com