| Electronic Components Datasheet Search |
|
HD64F7047 Datasheet(PDF) 189 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F7047 Datasheet(HTML) 189 Page - Renesas Technology Corp |
|
189 / 764 page ![]() Rev. 2.00, 09/04, page 149 of 720 Section 10 Multi-Function Timer Pulse Unit (MTU) This LSI has an on-chip multi-function timer pulse unit (MTU) that comprises five 16-bit timer channels. The block diagram is shown in figure 10.1. 10.1 Features • Maximum 16-pulse input/output • Selection of 8 counter input clocks for each channel • The following operations can be set for each channel: Waveform output at compare match Input capture function Counter clear operation Multiple timer counters (TCNT) can be written to simultaneously Simultaneous clearing by compare match and input capture is possible Register simultaneous input/output is possible by synchronous counter operation A maximum 12-phase PWM output is possible in combination with synchronous operation • Buffer operation settable for channels 0, 3, and 4 • Phase counting mode settable independently for each of channels 1 and 2 • Cascade connection operation • Fast access via internal 16-bit bus • 23 interrupt sources • Automatic transfer of register data • A/D converter conversion start trigger can be generated • Module standby mode can be set • Positive and negative 3-phase waveforms (6-phase waveforms in total) can be output by channel 3 and channel 4 connected in complementary PWM or reset PWM mode • AC synchronous motor (brushless DC motor) drive mode can be set by channel 0, channel 3, and channel 4 connected in complementary PWM or reset PWM mode. • Selection of chopping or level waveform outputs in AC synchronous motor drive mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |