Electronic Components Datasheet Search
  English  ▼

X  

HD64F7047 Datasheet(PDF) 214 Page - Renesas Technology Corp

Part # HD64F7047
Description  Renesas 32-Bit RISC Microcomputer SuperHTMRISC engine Family/SH7000 Series
PDF  764 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7047 Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button HD64F7047 Datasheet HTML 210Page - Renesas Technology Corp HD64F7047 Datasheet HTML 211Page - Renesas Technology Corp HD64F7047 Datasheet HTML 212Page - Renesas Technology Corp HD64F7047 Datasheet HTML 213Page - Renesas Technology Corp HD64F7047 Datasheet HTML 214Page - Renesas Technology Corp HD64F7047 Datasheet HTML 215Page - Renesas Technology Corp HD64F7047 Datasheet HTML 216Page - Renesas Technology Corp HD64F7047 Datasheet HTML 217Page - Renesas Technology Corp HD64F7047 Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 764 page
background image
Rev. 2.00, 09/04, page 174 of 720
Table 10.20 TIORL_3 (channel 3)
Description
Bit 7
IOD3
Bit 6
IOD2
Bit 5
IOD1
Bit 4
IOD0
TGRD_3
Function
TIOC3D Pin Function
0
0
0
0
Output hold*
1
1
Output
compare
register
Initial output is 0
0 output at compare match
1
0
Initial output is 0
1 output at compare match
1
Initial output is 0
Toggle output at compare match
1
0
0
Output hold
1
Initial output is 1
0 output at compare match
1
0
Initial output is 1
1 output at compare match
1
Initial output is 1
Toggle output at compare match
1
X
0
0
Input capture at rising edge
1
Input capture at falling edge
1
X
Input
capture
register*
2
Input capture at both edges
[Legend]
X: Don’t care
Notes: 1. The low level output is retained until TIOR contents is specified after a power-on reset.
2. When the BFB bit in TMDR_3 is set to 1 and TGRD_3 is used as a buffer register, this
setting is invalid and input capture/output compare is not generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com