Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 126Page - Renesas Technology Corp R8C/14 Datasheet HTML 127Page - Renesas Technology Corp R8C/14 Datasheet HTML 128Page - Renesas Technology Corp R8C/14 Datasheet HTML 129Page - Renesas Technology Corp R8C/14 Datasheet HTML 130Page - Renesas Technology Corp R8C/14 Datasheet HTML 131Page - Renesas Technology Corp R8C/14 Datasheet HTML 132Page - Renesas Technology Corp R8C/14 Datasheet HTML 133Page - Renesas Technology Corp R8C/14 Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 277 page
background image
R8C/14 Group, R8C/15 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 118 of 253
REJ09B0164-0210
Figure 13.27
TCC0 Register
Timer C Control Register 0
Symbol
Address
After Reset
TCC0
009Ah
00h
Bit Symbol
Bit Name
Function
RW
INT3
_____
Interrupt / Capture Polarity
Select Bit(1, 2)
INT3
_____
Interrupt / Capture Input
0 : INT3
_____
Interrupt is generated
Bit(2, 3)
synchronizing w ith Timer C count source
1 : INT3
_____
Interrupt is generated w hen
INT3
_____
interrupt is input(4)
INT3
_____
Interrupt / Capture Input
0 : INT3
_____
Sw itch Bit(1, 2)
1 : fRING128
NOTES :
1.
2.
3.
4.
b4 b3
0 0 : Rising edge
0 1 : Falling edge
1 0 : Both edges
1 1 : Do not set
RW
TCC06
RW
TCC04
RW
TCC03
Set to “0”
b7 b6 b5 b4
0
b3 b2 b1 b0
TCC01
RW
Timer C Count Start Bit
0 : Stops counting
1 : Starts counting
Timer C Count Source Select Bit(1)
b2 b1
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : fRING-fast
TCC02
RW
TCC00
RW
When using the INT3
_____
filter, the INT3
_____
interrupt is generated synchronizing w ith the clock for the digital filter.
RW
Change this bit w hen the TCC00 bit is set to “0” (count stop).
The IR bit in the INT3IC register may be set to “1” (requests interrupt) w hen the TCC03, TCC04, TCC06 and TCC07
bits are rew ritten. Refer to 20.2.5 Changing Interrupt Factor.
RW
Reserved Bit
—
(b5)
TCC07
When the TCC13 bit is set to “1” (output compare mode) and INT3
_____
interrupt is input, regardless of the
setting value of the TCC06 bit, an interrupt request is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com