Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 130Page - Renesas Technology Corp R8C/14 Datasheet HTML 131Page - Renesas Technology Corp R8C/14 Datasheet HTML 132Page - Renesas Technology Corp R8C/14 Datasheet HTML 133Page - Renesas Technology Corp R8C/14 Datasheet HTML 134Page - Renesas Technology Corp R8C/14 Datasheet HTML 135Page - Renesas Technology Corp R8C/14 Datasheet HTML 136Page - Renesas Technology Corp R8C/14 Datasheet HTML 137Page - Renesas Technology Corp R8C/14 Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 277 page
background image
R8C/14 Group, R8C/15 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 122 of 253
REJ09B0164-0210
Figure 13.30
Operating Example in Input Capture Mode
FFFFh
0000h
Count Starts
Overflow
Period
TCC00 Bit in
TCC0 Register
“1”
“0”
Measurement Pulse
(TCIN Pin Input)
Transmit Timing
from Timer C
Counter to TM0
Register
IR Bit in INT3IC
Register
The above applies to the following conditions.
TCC0 register TCC04 to TCC03 bits=01b (capture input polarity is set for falling edge),
TCC07=0 (INT3/TCIN input as capture input trigger)
←Measurement value 1
←Measurement value 2
←
Set to "1" by program
Transmit
(Measurement
value 1)
The delay caused by digital filter and
one count source cycle delay (max.)
Measurement
value 1
TM0 Register
Measurement value 2
Measurement
value 3
Indeterminate
Set to "0" when interrupt
request is acknowledged, or set
by program
IR Bit in TCIC
Register
Set to "0" by
program
Set to "0" when interrupt request is acknowledged, or set by program
Transmit
(Measurement
value 2)
Transmit
(Measurement
value 3)
Indeterminate
“1”
“0”
“1”
“0”
“1”
“0”
Measurement
value 3
“1”
“0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com