Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 128Page - Renesas Technology Corp R8C/14 Datasheet HTML 129Page - Renesas Technology Corp R8C/14 Datasheet HTML 130Page - Renesas Technology Corp R8C/14 Datasheet HTML 131Page - Renesas Technology Corp R8C/14 Datasheet HTML 132Page - Renesas Technology Corp R8C/14 Datasheet HTML 133Page - Renesas Technology Corp R8C/14 Datasheet HTML 134Page - Renesas Technology Corp R8C/14 Datasheet HTML 135Page - Renesas Technology Corp R8C/14 Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 277 page
background image
R8C/14 Group, R8C/15 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 120 of 253
REJ09B0164-0210
Figure 13.29
TCOUT Register
Timer C Output Control Register
(1)
Symbol
Address
After Reset
TCOUT
00FFh
00h
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
RW
0 : Disables CMP output from CMP1_2
1 : Enables CMP output from CMP1_2
RW
CMP Output Reverse Bit 0
0 : Not reverse CMP output from CMP0_0 to CMP0_2
1 : Reverses CMP output from CMP0_0 to CMP0_2
RW
RW
TCOUT4
TCOUT3
CMP Output Enable Bit 3
0 : Disables CMP output from CMP1_0
1 : Enables CMP output from CMP1_0
RW
TCOUT2
RW
RW
CMP Output Enable Bit 2
CMP Output Enable Bit 0
0 : Disables CMP output from CMP0_0
1 : Enables CMP output from CMP0_0
CMP Output Enable Bit 1
0 : Disables CMP output from CMP0_1
1 : Enables CMP output from CMP0_1
b7 b6 b5 b4 b3 b2
0 : Disables CMP output from CMP0_2
1 : Enables CMP output from CMP0_2
b1 b0
TCOUT1
TCOUT0
Set the bits w hich are not used for the CMP output to “0”
TCOUT7
TCOUT6
RW
CMP Output Enable Bit 5
TCOUT5
CMP Output Enable Bit 4
0 : Disables CMP output from CMP1_1
1 : Enables CMP output from CMP1_1
CMP Output Reverse Bit 1
0 : Not reverse CMP output from CMP1_0 to CMP1_2
1 : Reverses CMP output from CMP1_0 to CMP1_2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com