Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 131Page - Renesas Technology Corp R8C/14 Datasheet HTML 132Page - Renesas Technology Corp R8C/14 Datasheet HTML 133Page - Renesas Technology Corp R8C/14 Datasheet HTML 134Page - Renesas Technology Corp R8C/14 Datasheet HTML 135Page - Renesas Technology Corp R8C/14 Datasheet HTML 136Page - Renesas Technology Corp R8C/14 Datasheet HTML 137Page - Renesas Technology Corp R8C/14 Datasheet HTML 138Page - Renesas Technology Corp R8C/14 Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 277 page
background image
R8C/14 Group, R8C/15 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 123 of 253
REJ09B0164-0210
13.3.2
Output Compare Mode
Output compare mode is mode to generate an interrupt request when the value of the TC register
matches the value of the TM0 or TM1 register. Table 13.12 shows Specification of Output Compare
Mode. Figure 13.31 shows an Operating Example in Output Compare Mode.
NOTES:
1. When the corresponding port data is “1”, the waveform is output depending on the setting of the
registers TCC1 and TCOUT. When the corresponding port data is “0”, the fixed level is output (refer
to Figure 13.25 Block Diagram of CMP Waveform Output Unit).
2. Access the TC, TM0, and TM1 registers in 16-bit units.
Table 13.12
Specification of Output Compare Mode
Item
Specification
Count Source
f1, f8, f32, fRING-fast
Count Operation
• Increment
• The value in the TC register is set to “0000h” when a count stops
Count Start Condition
The TCC00 bit in the TCC0 register is set to “1” (count starts)
Counter Stop Condition
The TCC00 bit in the TCC0 register is set to “0” (count stops)
Waveform Output Start
Condition
The TCOUT0 to TCOUT5 bits in the TCOUT register is set to “1” (enables
CMP output).(2)
Waveform Output Stop
Condition
The TCOUT0 to TCOUT5 bits in the TCOUT register is set to “0” (disables
CMP output).
Interrupt Request
Generation Timing
• When a match occurs in the compare circuit 0 [compare 0 interrupt]
• When a match occurs in the compare circuit 1 [compare 1 interrupt]
• When Time C overflows [Timer C interrupt]
INT3/TCIN Pin Function
Programmable I/O port or INT3 interrupt input
P1_0 to P1_2 Pins and
P3_0 to P3_2 Pins
Function
Programmable I/O port or CMP output(1)
Counter Value Reset
Timing
When the TCC00 bit in the TCC0 register is set to “0” (count stops)
Read from Timer(1)
• The value in the compare register can be read out by reading the TM0 and
TM1 registers.
• The count value can be read out by reading the TC register.
Write to Timer(1)
• Write to the TC register is disabled.
• The values written to the TM0 and TM1 registers are stored in the compare
register at the following timings:
- When the TM0 and TM1 registers are written if the TCC00 bit is set to “0”
(count stops)
- When the counter overflows if the TCC00 bit is set to “1” (during
counting) and the TCC12 bit in the TCC1 register is set to “0” (free-run)
- When the compare 1 matches a counter if the TCC00 bit is set to “1” and
the TCC12 bit is set to “1” (set the TC register to “0000h” when the
compare 1 matches)
Select Function
• Timer C counter reload select function
The TCC12 bit in the TCC1 register can select whether the counter value
in the TC register is set to “0000h” when the compare circuit 1 matches or
not.
• The TCC14 to TCC15 bits in the TCC1 register can select the output level
when the compare circuit 0 matches. The TCC16 to TCC17 bits in the
TCC1 register can select the output level when the compare circuit 1
matches.
• The TCOUT6 to TCOUT7 bits in the TCOUT register can select whether
the output is reversed or not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com