Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 135Page - Renesas Technology Corp R8C/14 Datasheet HTML 136Page - Renesas Technology Corp R8C/14 Datasheet HTML 137Page - Renesas Technology Corp R8C/14 Datasheet HTML 138Page - Renesas Technology Corp R8C/14 Datasheet HTML 139Page - Renesas Technology Corp R8C/14 Datasheet HTML 140Page - Renesas Technology Corp R8C/14 Datasheet HTML 141Page - Renesas Technology Corp R8C/14 Datasheet HTML 142Page - Renesas Technology Corp R8C/14 Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 277 page
background image
R8C/14 Group, R8C/15 Group
14. Serial Interface
Rev.2.10
Jan 19, 2006
Page 127 of 253
REJ09B0164-0210
Figure 14.3
U0TB, U0RB and U0BRG Registers
UART0 Receive Buffer Register
(1)
Symbol
Address
After Reset
U0RB
00A7h-00A6h
Indeterminate
RW
NOTES :
1.
2.
Nothing is assigned. When w rite, set to “0”.
When read, its content is indeterminate.
—
(b11-b9)
—
—
(b7-b0)
—
—
(b8)
—
Function
Receive data (D7 to D0)
RO
Receive data (D8)
RO
b0
b7
(b15)
b7
(b8)
b0
Bit Symbol
Bit Name
OER
Overrun Error Flag(2)
0 : No overrun error
1 : Overrun error
RO
RO
FER
Framing Error Flag(2)
0 : No framing error
1 : Framing error
RO
PER
Parity Error Flag(2)
0 : No parity error
1 : Parity error
Read out the UiRB register in 16-bit unit.
The SUM, PER, FER and OER bits are set to “0” (no error) w hen the SMD2 to SMD0 bits in the UiMR register are set to
“000b” (serial interface disabled) or the RE bit in the U0C1 register is set to “0” (receive disable). The SUM bit is set to
“0” (no error) w hen the PER, FER and OER bits are set to “0” (no error).
The PER and FER bits are set to “0” even w hen the higher byte of the U0RB register is read out.
RO
SUM
Error Sum Flag(2)
0 : No error
1 : Error
UART0 Transmit Buffer Register
(1, 2)
Symbol
Address
After Reset
U0TB
00A3h-00A2h
Indeterminate
RW
NOTES :
1.
2.
(b15)
b7
(b8)
b0
b0
b7
When the transfer data length is 9-bit long, w rite to high-byte data first then low -byte data.
Use the MOV instruction to w rite to this register.
Function
WO
—
—
(b8-b0)
—
(b15-b9)
Transmit data
Nothing is assigned. When w rite, set to “0”.
When read, its content is indeterminate.
UART0 Bit Rate Register
(1, 2, 3)
Symbol
Address
After Reset
U0BRG
00A1h
Indeterminate
Setting Range
RW
NOTES :
1.
2.
3.
b0
Use the MOV instruction to w rite to this register.
WO
Write to this register w hile the serial I/O is neither transmitting nor receiving.
00h to FFh
Function
Assuming that set value is n, U0BRG divides the count source by
n+1
After setting the CLK0 to CLK1 bits of the U0C0 register, w rite to the U0BRG register.
b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com