Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 139Page - Renesas Technology Corp R8C/14 Datasheet HTML 140Page - Renesas Technology Corp R8C/14 Datasheet HTML 141Page - Renesas Technology Corp R8C/14 Datasheet HTML 142Page - Renesas Technology Corp R8C/14 Datasheet HTML 143Page - Renesas Technology Corp R8C/14 Datasheet HTML 144Page - Renesas Technology Corp R8C/14 Datasheet HTML 145Page - Renesas Technology Corp R8C/14 Datasheet HTML 146Page - Renesas Technology Corp R8C/14 Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 277 page
background image
R8C/14 Group, R8C/15 Group
14. Serial Interface
Rev.2.10
Jan 19, 2006
Page 131 of 253
REJ09B0164-0210
NOTES:
1. Set bits which are not in this table to “0” when writing to the registers in clock synchronous serial I/O
mode.
Table 14.3 lists the I/O Pin Functions in Clock Synchronous Serial I/O Mode. The TXD0 pin outputs “H”
level between the operating mode selection of UART0 and transfer start, an “H” (If the NCH bit is set to
“1” (the N-channel open-drain output), this pin is in a high-impedance state.)
Table 14.2
Registers to Be Used and Settings in Clock Synchronous Serial I/O Mode(1)
Register
Bit
Function
U0TB
0 to 7
Set transmit data
U0RB
0 to 7
Receive data can be read
OER
Overrun error flag
U0BRG
0 to 7
Set bit rate
U0MR
SMD2 to SMD0
Set to “001b”
CKDIR
Select the internal clock or external clock
U0C0
CLK1 to CLK0
Select the count source in the U0BRG register
TXEPT
Transmit register empty flag
NCH
Select TXD0 pin output mode
CKPOL
Select the transfer clock polarity
UFORM
Select the LSB first or MSB first
U0C1
TE
Set this bit to “1” to enable transmit/receive
TI
Transmit buffer empty flag
RE
Set this bit to “1” to enable reception
RI
Reception complete flag
UCON
U0IRS
Select the factor of UART0 transmit interrupt
U0RRM
Set this bit to “1” to use continuous receive mode
CNTRSEL
Set this bit to “1” to select P1_5/RXD0/CNTR01/INT11
Table 14.3
I/O Pin Functions in Clock Synchronous Serial I/O Mode
Pin Name
Function
Selection Method
TXD0(P1_4)
Output serial data
(Outputs dummy data when performing receive only)
RXD0(P1_5)
Input serial data
PD1_5 bit in PD1 register=0
(P1_5 can be used as an input port when performing transmit
only)
CLK0(P1_6)
Output transfer clock
CKDIR bit in U0MR register=0
Input transfer clock
CKDIR bit in U0MR register=1
PD1_6 bit in PD1 register=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com