Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 140Page - Renesas Technology Corp R8C/14 Datasheet HTML 141Page - Renesas Technology Corp R8C/14 Datasheet HTML 142Page - Renesas Technology Corp R8C/14 Datasheet HTML 143Page - Renesas Technology Corp R8C/14 Datasheet HTML 144Page - Renesas Technology Corp R8C/14 Datasheet HTML 145Page - Renesas Technology Corp R8C/14 Datasheet HTML 146Page - Renesas Technology Corp R8C/14 Datasheet HTML 147Page - Renesas Technology Corp R8C/14 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 277 page
background image
R8C/14 Group, R8C/15 Group
14. Serial Interface
Rev.2.10
Jan 19, 2006
Page 132 of 253
REJ09B0164-0210
Figure 14.6
Transmit and Receive Operation
Transfer Clock
D0
TE Bit in U0C1
Register
TXD0
• Example of Transmit Timing (when internal clock is selected)
Set data to U0TB register
Transfer from U0TB register to UART0 transmit register
TC
CLK0
TCLK
Stop pulsing because the TE bit is set to “0”
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
TC=TCLK=2(n+1)/fi
fi: frequency of U0BRG count source (f1, f8, f32)
n: setting value to U0BRG register
The above applies to the following settings:
• CKDIR bit in U0MR register = 0 (internal clock)
• CKPOL bit in U0C0 register = 0 (output transmit data at the falling edge and input receive data at the rising edge of the transfer clock)
• U0IRS bit in UCON register = 0 (an interrupt request is generated when the transmit buffer is empty):
D0
Set to "0" when interrupt request is acknowledged, or set by a program
Write dummy data to U0TB register
Transfer from U0TB register to UART0 transmit register
1/fEXT
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
Receive data is taken in
Read out from U0RB register
Transfer from UART0 receive register to
U0RB register
TI Bit in U0C1
Register
"1"
"0"
"1"
"0"
"1"
"0"
"1"
"0"
TXEPT Bit in
U0C0 Register
IR Bit in S0TIC
Register
Set to "0" when interrupt request is acknowledged, or set by a program
• Example of Receive Timing (when external clock is selected)
RE Bit in U0C1
Register
TE Bit in U0C1
Register
TI Bit in U0C1
Register
"1"
"0"
"1"
"0"
"1"
"0"
RI Bit in U0C1
Register
IR Bit in S0RIC
Register
"1"
"0"
"1"
"0"
CLK0
RXD0
The above applies to the following settings:
• CKDIR bit in U0MR register = 1 (external clock)
• CKPOL bit in U0C0 register = 0 (output transmit data at the falling edge and input receive data at the rising edge of the transfer clock)
Meet the following conditions when “H” is applied to the CLK0 pin before receiving data:
• TE bit in U0C1 register = 1 (enables transmit)
• RE bit in U0C1 register = 1 (enables receive)
• Write dummy data to the U0TB register
fEXT: frequency of external clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com