Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 136Page - Renesas Technology Corp R8C/14 Datasheet HTML 137Page - Renesas Technology Corp R8C/14 Datasheet HTML 138Page - Renesas Technology Corp R8C/14 Datasheet HTML 139Page - Renesas Technology Corp R8C/14 Datasheet HTML 140Page - Renesas Technology Corp R8C/14 Datasheet HTML 141Page - Renesas Technology Corp R8C/14 Datasheet HTML 142Page - Renesas Technology Corp R8C/14 Datasheet HTML 143Page - Renesas Technology Corp R8C/14 Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 277 page
background image
R8C/14 Group, R8C/15 Group
14. Serial Interface
Rev.2.10
Jan 19, 2006
Page 128 of 253
REJ09B0164-0210
Figure 14.4
U0MR and U0C0 Registers
UART0 Transmit / Receive Mode Register
Symbol
Address
After Reset
U0MR
00A0h
00h
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
Internal / External Clock Select
Bit
0 : Internal clock
1 : External clock(1)
Stop Bit Length Select Bit
—
(b7)
Reserved Bit
RW
Odd / Even Parity Select Bit
Enables w hen PRYE = 1
0 : Odd parity
1 : Even parity
PRYE
Parity Enable Bit
0 : Parity disabled
1 : Parity enabled
RW
Set to “0”
Set the PD1_6 bit in the PD1 register to “0” (input).
SMD2
RW
RW
STPS
RW
0 : 1 Stop Bit
1 : 2 Stop Bits
CKDIR
PRY
RW
RW
Serial Interface Mode Select Bit b2 b1 b0
0 0 0 : Serial interface disabled
0 0 1 : Clock synchronous serial I/O mode
1 0 0 : UART mode transfer data 7 bits long
1 0 1 : UART mode transfer data 8 bits long
1 1 0 : UART mode transfer data 9 bits long
Other than above : Do not set
SMD1
b7 b6 b5 b4
0
b3 b2 b1 b0
SMD0
RW
UART0 Transmit / Receive Control Register 0
Symbol
Address
After Reset
U0C0
00A4h
08h
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
RW
Nothing is assigned. When w rite, set to “0”.
When read, its content is “0”.
Data Output Select Bit
0 : TXD0 pin is a pin of CMOS output
1 : TXD0 pin is a pin of N-channel open drain output
UFORM
Transfer Format Select Bit 0 : LSB first
1 : MSB first
RW
Reserved Bit
CLK Polarity Select Bit
0 : Transmit data is output at falling edge of transfer
clock and receive data is input at rising edge
1 : Transmit data is output at rising edge of transfer
clock and receive data is input at falling edge
Set to “0”
Transmit Register Empty
Flag
0 : Data in transmit register (during transmit)
1 : No data in transmit register (transmit completed)
CLK1
RW
BRG Count Source Select
Bit(1)
b1 b0
0 0 : Selects f1
0 1 : Selects f8
1 0 : Selects f32
1 1 : Do not set
NCH
RW
RW
CKPOL
—
(b2)
RW
RO
—
(b4)
—
b7 b6 b5 b4
If the BRG count source is sw itched, set the U0BRG register again.
b3 b2
TXEPT
b1 b0
0
CLK0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com