Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 118Page - Renesas Technology Corp R8C/17 Datasheet HTML 119Page - Renesas Technology Corp R8C/17 Datasheet HTML 120Page - Renesas Technology Corp R8C/17 Datasheet HTML 121Page - Renesas Technology Corp R8C/17 Datasheet HTML 122Page - Renesas Technology Corp R8C/17 Datasheet HTML 123Page - Renesas Technology Corp R8C/17 Datasheet HTML 124Page - Renesas Technology Corp R8C/17 Datasheet HTML 125Page - Renesas Technology Corp R8C/17 Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 279 page
background image
R8C/16 Group, R8C/17 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 109 of 254
REJ09B0169-0210
Figure 13.19
TZMR and PUM Registers in Programmable One-Shot Generation Mode
Timer Z Waveform Output Control Register
Symbol
Address
After Reset
PUM
0084h
00h
Bit Symbol
Bit Name
Function
RW
INT0
_____
Pin One-Shot Trigger
0 : INT0
_____
pin one-shot trigger disabled
Control Bit(1)
1 : INT0
_____
pin one-shot trigger enabled
INT0
_____
Pin One-Shot Trigger
Polarity Select Bit(2)
NOTES :
1.
2.
Set the INOSTG bit to “1” after the INT0EN bit in the INTEN register and the INOSEG bit in the PUM
The INOSEG bit is enabled only w hen the INT0PL bit in the INTEN register is set to “0” (one edge).
INT0F1 bits in the INT0F register. Set the INOSTG bit to “0” (INT0
_____
pin one-shot trigger disabled) after the
TZS bit in the TZMR register is set to “0” (count stops).
register are set. When setting the INOSTG bit to “1” (INT0
_____
pin one-shot trigger enabled), set the INT0F0 to
RW
INOSEG
RW
RW
TZOPL
RW
0 : Falling edge trigger
1 : Rising edge trigger
Reserved Bit
Set to “0”
Timer Z Output Level Latch 0 : Outputs one-shot pulse “H”
Outputs “L” w hen the timer is stopped
1 : Outputs one-shot pulse “L”
Outputs “H” w hen the timer is stopped
b7 b6 b5 b4
00
b3 b2
INOSTG
b1 b0
0
—
(b4-b0)
00
Timer Z Mode Register
Symbol
Address
After Reset
TZMR
0080h
00h
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2. Refer to 20.4.3 Tim er Z for precautions on the TZS bit.
b0
When the TZS bit is set to “1” (count start), The count value is w ritten to the reload register only. When the TZS bit is
set to “0” (count stop), The count value is w ritten to both reload register and counter.
TZWC
TZS
Timer Z Write Control Bit
Set to “1” in programmable one-shot generation
mode(1)
0
b3 b2 b1
0
TZMOD1
b7 b6 b5 b4
110
Timer Z Count Start Flag(2)
0 : Stops counting
1 : Starts counting
0
—
(b3-b0)
Reserved Bit
RW
RW
0
Set to “0”
RW
Timer Z Operating Mode Bit b5 b4
1 0 : Programmable one-shot generation mode
RW
TZMOD0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com