Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 122Page - Renesas Technology Corp R8C/17 Datasheet HTML 123Page - Renesas Technology Corp R8C/17 Datasheet HTML 124Page - Renesas Technology Corp R8C/17 Datasheet HTML 125Page - Renesas Technology Corp R8C/17 Datasheet HTML 126Page - Renesas Technology Corp R8C/17 Datasheet HTML 127Page - Renesas Technology Corp R8C/17 Datasheet HTML 128Page - Renesas Technology Corp R8C/17 Datasheet HTML 129Page - Renesas Technology Corp R8C/17 Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 279 page
background image
R8C/16 Group, R8C/17 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 113 of 254
REJ09B0169-0210
Figure 13.21
TZMR and PUM Registers in Programmable Wait One-shot Generation Mode
Timer Z Waveform Output Control Register
Symbol
Address
After Reset
PUM
0084h
00h
Bit Symbol
Bit Name
Function
RW
INT0
_____
Pin One-Shot Trigger
0 : INT0
_____
pin one-shot trigger disabled
Control Bit(1)
1 : INT0
_____
pin one-shot trigger enabled
INT0
_____
Pin One-Shot Trigger
Polarity Select Bit(2)
NOTES :
1.
2.
b3 b2
INOSTG
b1 b0
0
—
(b4-b0)
00
0 : Outputs one-shot pulse “H”
Outputs “L” w hen the timer is stopped
1 : Outputs one-shot pulse “L”
Outputs “H” w hen the timer is stopped
b7 b6 b5 b4
00
RW
INOSEG
RW
RW
TZOPL
RW
0 : Falling edge trigger
1 : Rising edge trigger
Reserved Bit
Set to “0”
Timer Z Output Level Latch
Set the INOSTG bit to “1” after the INT0EN bit in the INTEN register and the INOSEG bit in the PUM
register are set. When setting the INOSTG bit to “1” (INT0
_____
pin one-shot trigger enabled), set the INT0F0 to
INT0F1 bits in the INT0F register. Set the INOSTG bit to “0” (INT0
_____
pin one-shot trigger disabled) after the
TZS bit in the TZMR register is set to “0” (count stops).
The INOSEG bit is enabled only w hen the INT0PL bit in the INTEN register is set to “0” (one edge).
Timer Z Mode Register
Symbol
Address
After Reset
TZMR
0080h
00h
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2.
RW
RW
0
Set to “0”
RW
Timer Z Operating Mode Bit b5 b4
1 1 : Programmable w ait one-shot generation mode
RW
TZMOD0
RW
1
Timer Z Count Start Flag(2)
0 : Stops counting
1 : Starts counting
0
—
(b3-b0)
Reserved Bit
b1
0
TZMOD1
b7 b6 b5 b4
11
Refer to 20.4.3 Tim er Z for precautions on the TZS bit.
b0
When the TZS bit is set to “1” (count start), The count value is w ritten to the reload register only. When the TZS bit is
set to “0” (count stop), The count value is w ritten to both reload register and counter.
TZWC
TZS
Timer Z Write Control Bit
Set to “1” in programmable w ait one-shot generation
mode(1)
0
b3 b2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com