Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 123Page - Renesas Technology Corp R8C/17 Datasheet HTML 124Page - Renesas Technology Corp R8C/17 Datasheet HTML 125Page - Renesas Technology Corp R8C/17 Datasheet HTML 126Page - Renesas Technology Corp R8C/17 Datasheet HTML 127Page - Renesas Technology Corp R8C/17 Datasheet HTML 128Page - Renesas Technology Corp R8C/17 Datasheet HTML 129Page - Renesas Technology Corp R8C/17 Datasheet HTML 130Page - Renesas Technology Corp R8C/17 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 279 page
background image
R8C/16 Group, R8C/17 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 114 of 254
REJ09B0169-0210
Figure 13.22
Operating Example in Programmable Wait One-shot Generation Mode
Count Source
00h
01h
TZOPL Bit in PUM
Register
Contents of Timer Z
TZOUT Pin Output
IR Bit in TZIC
Register
Set to "0" when interrupt request is
acknowledged, or set by program
The above applies to the following conditions.
PREZ=01h, TZPR=01h, TZSC=02h
PUM register TZOPL bit=0, INOSTG bit=1 (INT0 one-shot trigger enabled)
INOSEG bit= 1 (rising edge trigger)
Prescaler Z Underflow
Signal
Timer Z secondary
reloads
02h
01h
00h
01h
Waveform output ends
INT0 Pin Input
Set to "0" by program
Wait starts
Waveform output starts
Count starts
Timer Z primary
reloads
TZS Bit in TZMR
Register
TZOS Bit in TZOC
Register
Set to "0" when count
ends
Set to "1" by program
Set to "1" by program, or set to "1" by INT0
pin input trigger
"1"
"0"
"1"
"0"
"1"
"0"
"1"
"0"
"1"
"0"
"H"
"L"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com