Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 126Page - Renesas Technology Corp R8C/17 Datasheet HTML 127Page - Renesas Technology Corp R8C/17 Datasheet HTML 128Page - Renesas Technology Corp R8C/17 Datasheet HTML 129Page - Renesas Technology Corp R8C/17 Datasheet HTML 130Page - Renesas Technology Corp R8C/17 Datasheet HTML 131Page - Renesas Technology Corp R8C/17 Datasheet HTML 132Page - Renesas Technology Corp R8C/17 Datasheet HTML 133Page - Renesas Technology Corp R8C/17 Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 279 page
background image
R8C/16 Group, R8C/17 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 117 of 254
REJ09B0169-0210
Figure 13.26
TC, TM0 and TM1 Registers
Timer C Register
Symbol
Address
After Reset
TC
0091h-0090h
0000h
RW
(b8)
b0
(b15)
b7
Function
Count the internal count source.
“0000h” can be read out by reading w hen the TCC00 bit is set to “0” (count stops)
The count value can be read out by reading w hen the TCC00 bit is set to “1” (count starts)
RO
b0
b7
Compare 1 Register
Symbol
Address
After Reset
TM1
009Fh-009Eh
FFFFh
Function
Setting Range
RW
0000h to FFFFh
RW
Store the value compared w ith Timer C
b0
b7
Mode
Output Compare Mode
(b8)
b0
(b15)
b7
Capture and Compare 0 Register
Symbol
Address
After Reset
TM0
009Dh-009Ch
0000h(2)
RW
Function
Setting Range
RW
NOTES :
1.
2.
When setting the value to the TM0 register, set the TCC13 bit in the TCC1 register to “1” (compare 0 output selected).
When the TCC13 bit is set to “0” (capture selected), the value cannot be w ritten.
(b8)
b0
(b15)
b7
b0
RO
Mode
b7
When setting the TCC13 bit in the TCC1 register to “1”, the value after reset is “FFFFh”.
Input Capture Mode
RW
Function
When the active edge of measurement pulse is input, store
the value in the TC register
Mode
Output compare Mode(1)
Store the value compared w ith Timer C
0000h to FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com