Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 128Page - Renesas Technology Corp R8C/17 Datasheet HTML 129Page - Renesas Technology Corp R8C/17 Datasheet HTML 130Page - Renesas Technology Corp R8C/17 Datasheet HTML 131Page - Renesas Technology Corp R8C/17 Datasheet HTML 132Page - Renesas Technology Corp R8C/17 Datasheet HTML 133Page - Renesas Technology Corp R8C/17 Datasheet HTML 134Page - Renesas Technology Corp R8C/17 Datasheet HTML 135Page - Renesas Technology Corp R8C/17 Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 279 page
background image
R8C/16 Group, R8C/17 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 119 of 254
REJ09B0169-0210
Figure 13.28
TCC1 Register
Timer C Control Register 1
Symbol
Address
After Reset
TCC1
009Bh
00h
Bit Symbol
Bit Name
Function
RW
INT3
_____
Filter Select Bit(1)
NOTES :
1.
2.
3.
RW
When the TCC00 bit in the TCC0 register is set to “0” (count stops), rew rite the TCC13 bit.
When the TCC13 bit is set to “0” (input capture mode), set the TCC12, TCC14 to TCC17 bits to “0”.
TCC17
TCC16
Compare 1 Output Mode Select
Bit(3)
b7 b6
0 0 : CMP output remains unchanged even
w hen compare 1 matches
0 1 : CMP output is reversed w hen compare 1
signal matches
1 0 : CMP output is set to “L” w hen compare 1
signal matches
1 1 : CMP output is set to “H” w hen compare 1
signal matches
When the same value from the INT3
_____
pin is sampled three times continuously, the input is determined.
b3 b2
0 : No reload
1 : Set TC register to “0000h” w hen compare 1
matches
b1 b0
TCC11
b7 b6 b5 b4
TCC15
TCC10
TCC13
Compare 0 / Capture Select
Bit(2)
TCC12
TCC14
RW
Timer C Counter Reload Select
Bit(3)
Compare 0 Output Mode Select
Bit(3)
b5 b4
0 0 : CMP output remains unchanged even
w hen compare 0 matches
0 1 : CMP output is reversed w hen compare 0
signal matches
1 0 : CMP output is set to “L” w hen compare 0
signal matches
1 1 : CMP output is set to “H” w hen compare 0
signal matches
RW
b1 b0
0 0 : No filter
0 1 : Filter w ith f1 sampling
1 0 : Filter w ith f8 sampling
1 1 : Filter w ith f32 sampling
0 : Select capture (input capture mode)(3)
1 : Select compare 0 output
(output compare mode)
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com