Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 152Page - Renesas Technology Corp R8C/17 Datasheet HTML 153Page - Renesas Technology Corp R8C/17 Datasheet HTML 154Page - Renesas Technology Corp R8C/17 Datasheet HTML 155Page - Renesas Technology Corp R8C/17 Datasheet HTML 156Page - Renesas Technology Corp R8C/17 Datasheet HTML 157Page - Renesas Technology Corp R8C/17 Datasheet HTML 158Page - Renesas Technology Corp R8C/17 Datasheet HTML 159Page - Renesas Technology Corp R8C/17 Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 279 page
background image
R8C/16 Group, R8C/17 Group
15. I2C bus interface (IIC)
Rev.2.10
Jan 19, 2006
Page 143 of 254
REJ09B0169-0210
Figure 15.3
ICCR1 Register
IIC Bus Control Register 1
(6)
Symbol
Address
Af ter Reset
ICCR1
00B8h
00h
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2.
3.
4.
5.
6.
Master / Slave Select Bit(5)
In master mode w ith the I2C bus f ormat, w hen arbitration is lost, the MST and TRS bits are set to “0”
and the IIC enters slave receive mode.
When an overrun error occurs in master receive mode of the clock synchronous serial f ormat, the MST bit
is set to “0” and the IIC enters slave receive mode.
b0
Rew rite the TRS bit betw een the transf er f rame.
RCVD
Receive Disable Bit
Af ter reading the ICDRR register w hile the TRS bit
is set to “0”
0 : Maintains the f ollow ing receive operation
1 : Disables the f ollow ing receive operation
RW
b3 b2
RW
RW
b1
b7 b6 b5 b4
CKS2
CKS3
CKS0
CKS1
RW
TRS
Transmit Clock Select Bit 3 to
0(1)
b3 b2 b1 b0
0 0 0 0 : f 1/28
0 0 0 1 : f 1/40
0 0 1 0 : f 1/48
0 0 1 1 : f 1/64
0 1 0 0 : f 1/80
0 1 0 1 : f 1/100
0 1 1 0 : f 1/112
0 1 1 1 : f 1/128
1 0 0 0 : f 1/56
1 0 0 1 : f 1/80
1 0 1 0 : f 1/96
1 0 1 1 : f 1/128
1 1 0 0 : f 1/160
1 1 0 1 : f 1/200
1 1 1 0 : f 1/224
1 1 1 1 : f 1/256
b5 b4
0 0 : Slave Receive Mode(4)
0 1 : Slave Transmit Mode
1 0 : Master Receive Mode
1 1 : Master Transmit Mode
RW
MST
RW
RW
Transmit / Receive Select
Bit(2,3)
Ref er to 20.6.1 Acces s of Registers As sociated w ith IIC for the access of registers associated w ith IIC.
When the f irst 7 bits, af ter the start condition in slave receive mode, match w ith the slave address set in the SAR
register and the 8th bit is set to “1”, the TRS bit is set to “1”.
RW
ICE
IIC Bus Interface Enable Bit
0 : This module is halted
(SCL and SDA pins are set to port f unction)
1 : This module is enabled f or transf er
operations
(SCL and SDA pins are bus drive state)
Set according to the necessary transf er rate in master mode. Ref er to Table 15.2 Exam ple of Transfer
Rate f or the transf er rate. This bit is used f or maintaining of the setup time in transmit mode. The time
is 10Tcyc w hen the CKS3 bit is set to “0” and 20Tcyc w hen the CKS3 bit is set to “1”. (1Tcyc=1/f 1(s))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com