Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 156Page - Renesas Technology Corp R8C/17 Datasheet HTML 157Page - Renesas Technology Corp R8C/17 Datasheet HTML 158Page - Renesas Technology Corp R8C/17 Datasheet HTML 159Page - Renesas Technology Corp R8C/17 Datasheet HTML 160Page - Renesas Technology Corp R8C/17 Datasheet HTML 161Page - Renesas Technology Corp R8C/17 Datasheet HTML 162Page - Renesas Technology Corp R8C/17 Datasheet HTML 163Page - Renesas Technology Corp R8C/17 Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 279 page
background image
R8C/16 Group, R8C/17 Group
15. I2C bus interface (IIC)
Rev.2.10
Jan 19, 2006
Page 147 of 254
REJ09B0169-0210
Figure 15.7
ICSR Register
IIC Bus Status Register
(7)
Symbol
Address
After Reset
ICSR
00BCh
00h
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2.
3.
4.
5.
6.
7.
The RDRF bit is set to “0” when reading data f rom the ICDRR register.
The TEND and TDRE bits are set to “0” when writing data to the ICDRT register.
RW
STOP
Stop Condition
Detection Flag(1)
In the f ollowing cases, this f lag is set to “1”:
• When the stop condition is detected af ter the f rame is
transf erred in master mode.
• When the stop condition is detected af ter the address set
in the SAR register matches with the 1st-by te slav e
address af ter detecting the start condition in slav e mode.
• When the stop condition is detected af ter detecting the
general call address in slav e mode.
RW
When two or more master dev ices attempt to occupy the bus at nearly the same time, if the IIC monitors the SDA pin and the data
which the IIC transmits is dif f erent, the AL f lag is set to “1” and the bus is occupied by the other masters.
RDRF
Receive Data Register
Full(1,5)
No Acknow ledge
Detection Flag(1,4)
This f lag is enabled in slav e receiv e mode of the I2C bus f ormat.
Each bit is set to “0” when reading “1” bef ore writing “0”.
NACKF
When no ACKnowledge is detected f rom receiv e dev ice when
transmit, this f lag is set to “1”
RW
RW
When receiv e data is transf erred f rom ICDRS to ICDRR
registers, this f lag is set to “1”
TEND
Transmit End(1,6)
When the 9th clock of the SCL signal with the I2C bus f ormat
while the TDRE bit is set to “1”, this f lag is set to “1”
This f lag is set to “1” when the f inal bit of the transmit f rame is
transmitted with the clock sy nchronous f ormat
RW
RW
General Call Address
Recognition Flag(1,2)
When detecting the general call address, this f lag is set to “1”.
Arbitration Lost Flag /
Overrun Error Flag(1)
When the I2C bus f ormat is used, this f lag indicates that
arbitration is lost in master mode. In the f ollowing case, this f lag
is set to “1”(3).
• When the internal SDA signal and SDA pin lev el do not
match at the rise of the SCL signal in master transmit
mode
• When the start condition is detected and the SDA pin is
held “H” in master transmit / receiv e mode
This f lag indicates that an ov errun error occurs when the clock
sy nchronous f ormat is used.
In the f ollowing case, this f lag is set to “1”.
• When the last bit of the f ollowing data is receiv ed while
the RDRF bit is set to “1”
Slave Address
Recognition Flag(1)
This f lag is set to “1” when the f irst f rame f ollowing start
condition matches the SVA0 to SVA6 bits in the SAR register in
slav e receiv e mode. (Detect the slav e address and generate call
address)
RW
AAS
AL
ADZ
b2 b1
b7 b6 b5 b4
Ref er to 20.6.1 Access of Registers Associated with IIC f or the access of registers associated with IIC.
b0
The NACKF bit is enabled when the ACKE bit in the ICIER register is set to “1” (when the receiv e acknowledge bit is set to “1”,
transf er is halted)
TDRE
Transmit Data Empty(1,6) In the f ollowing cases, this f lag is set to “1”:
• Data is transf erred f rom ICDRT to ICDRS
registers and ICDRT register is empty
• When setting the TRS bit in the ICCR1
register to “1” (transmit mode)
• When generating the start condition
(including retransmit)
• When changing f rom slav e receiv e mode to
slav e transmit mode
RW
b3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com