Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 159Page - Renesas Technology Corp R8C/17 Datasheet HTML 160Page - Renesas Technology Corp R8C/17 Datasheet HTML 161Page - Renesas Technology Corp R8C/17 Datasheet HTML 162Page - Renesas Technology Corp R8C/17 Datasheet HTML 163Page - Renesas Technology Corp R8C/17 Datasheet HTML 164Page - Renesas Technology Corp R8C/17 Datasheet HTML 165Page - Renesas Technology Corp R8C/17 Datasheet HTML 166Page - Renesas Technology Corp R8C/17 Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 279 page
background image
R8C/16 Group, R8C/17 Group
15. I2C bus interface (IIC)
Rev.2.10
Jan 19, 2006
Page 150 of 254
REJ09B0169-0210
15.2
Interrupt Request
The interrupt request of the IIC contains 6 types when the I2C bus format is used and 4 types when the
clock synchronous serial format is used. Table 15.3 lists the Interrupt Request of IIC.
Since these interrupt requests are allocated at the IIC interrupt vector table, determining the factor by
each bit is necessary.
STIE, NAKIE, RIE, TEIE, TIE : Bits in ICIER register
AL, STOP, NACKF, RDRF, TEND, TDRE : Bits in ICSR register
When the generation conditions on the Table 15.3 are met, the IIC interrupt request is generated. Set the
interrupt generation conditions to “0” by the IIC interrupt routine. However, the TDRE and TEND bits are
automatically set to “0” by writing transmit data to the ICDRT register and the RDRF bit is automatically
set to “0” by reading the ICDRR register. When writing transmit data to the ICDRT register, the TDRE bit
is set to “0”. When data is transferred from the ICDRT to ICDRS registers, the TDRE bit is set to “1” and
when further setting the TDRE bit to “0”, extra 1 byte may be transmitted.
Table 15.3
Interrupt Request of IIC
Interrupt Request
Generation Condition
Format
I2C bus
Clock
Synchronous
Serial
Transmit Data Empty
TXI
TIE=1 and TDRE=1
Enabled
Enabled
Transmit Ends
TEI
TEIE=1 and TEND=1
Enabled
Enabled
Receive Data Full
RXI
RIE=1 and RDRF=1
Enabled
Enabled
Stop Condition Detection
STPI
STIE=1 and STOP=1
Enabled
Disabled
NACK Detection
NAKI
NAKIE=1 and AL=1 (or
NAKIE=1 and NACKF=1)
Enabled
Disabled
Arbitration Lost / Overrun Error
Enabled
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com