Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 162Page - Renesas Technology Corp R8C/17 Datasheet HTML 163Page - Renesas Technology Corp R8C/17 Datasheet HTML 164Page - Renesas Technology Corp R8C/17 Datasheet HTML 165Page - Renesas Technology Corp R8C/17 Datasheet HTML 166Page - Renesas Technology Corp R8C/17 Datasheet HTML 167Page - Renesas Technology Corp R8C/17 Datasheet HTML 168Page - Renesas Technology Corp R8C/17 Datasheet HTML 169Page - Renesas Technology Corp R8C/17 Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 279 page
background image
R8C/16 Group, R8C/17 Group
15. I2C bus interface (IIC)
Rev.2.10
Jan 19, 2006
Page 153 of 254
REJ09B0169-0210
Figure 15.10
Operating Timing in Master Transmit Mode (I2C bus Interface Mode) (1)
Figure 15.11
Operating Timing in Master Transmit Mode (I2C bus Interface Mode) (2)
SDA
(Master Output)
SCL
(Master Output)
12
89
67
45
3
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
12
SDA
(Slave Output)
TDRE Bit in
ICSR Register
“1”
“0”
TEND Bit in
ICSR Register
“1”
“0”
ICDRT Register
ICDRS Register
R/W
Slave Address
Address + R/W
Process
by program
(2)Instruction of
start condition
generation
(3)Data write to ICDRT
register (1st byte)
A
(4)Data write to ICDRT
register (2nd byte)
(5)Data write to ICDRT
register (3rd byte)
Data 2
Address + R/W
Data 1
Data 1
SDA
(Master Output)
SCL
(Master Output)
12
89
67
45
3
b7
b6
b5
b4
b3
b2
b1
b0
SDA
(Slave Output)
TDRE Bit in
ICSR Register
“1”
“0”
TEND Bit in
ICSR Register
“1”
“0”
ICDRT Register
ICDRS Register
Data n
Process
by Program
(6)Generate stop condition and
set TEND bit to “0”
(3)Data write to ICDRT
register
A/A
(7)Set to slave receive mode
9
A
Data n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com