Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 166Page - Renesas Technology Corp R8C/17 Datasheet HTML 167Page - Renesas Technology Corp R8C/17 Datasheet HTML 168Page - Renesas Technology Corp R8C/17 Datasheet HTML 169Page - Renesas Technology Corp R8C/17 Datasheet HTML 170Page - Renesas Technology Corp R8C/17 Datasheet HTML 171Page - Renesas Technology Corp R8C/17 Datasheet HTML 172Page - Renesas Technology Corp R8C/17 Datasheet HTML 173Page - Renesas Technology Corp R8C/17 Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 279 page
background image
R8C/16 Group, R8C/17 Group
15. I2C bus interface (IIC)
Rev.2.10
Jan 19, 2006
Page 157 of 254
REJ09B0169-0210
15.3.3
Slave Transmit Operation
In slave transmit mode, the slave device outputs the transmit data while the master device outputs
the receive clock and returns an acknowledge signal. Figure 15.14 and Figure 15.15 show the
Operation Timing in Slave Transmit Mode.
The transmit procedure and operation in slave transmit mode are shown below.
(1) Set the ICE bit in the ICCR1 register to “1” (transfer operation enabled). Set the WAIT and
MLS bits in the ICMR register and CKS0 to CKS3 bits in the ICCR1 register (initial setting). Set
the TRS and MST bits in the ICCR1 register to “0” and wait until the slave address matches in
slave receive mode.
(2) When the slave address matches at the 1st frame after detecting the start condition, the slave
device outputs the level set by the ACKBT bit in the ICIER register to the SDA pin at the rise of
the 9th clock. At this time, if the 8-bit data (R/W) is set to “1”, the TRS and TDRE bit in the
ICSR register are set to “1”, the mode is switched to slave transmit mode automatically. When
writing transmit data to the ICDRT register every time the TDRE bit is set to “1”, the continuous
transmit is enabled.
(3) When the TDRE bit in the ICDRT register is set to “1” after writing the last transmit data to the
ICDRT register, wait until the TEND bit in the ICSR register is set to “1” while the TDRE bit is
set to “1”. When the TEND bit is set to “1”, set the TEND bit to “0”.
(4) The SCL signal is released by setting the TRS bit to “0” and performing the dummy-read of the
ICDRR register for the end process.
(5) Set the TDRE bit to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com