Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 158Page - Renesas Technology Corp R8C/17 Datasheet HTML 159Page - Renesas Technology Corp R8C/17 Datasheet HTML 160Page - Renesas Technology Corp R8C/17 Datasheet HTML 161Page - Renesas Technology Corp R8C/17 Datasheet HTML 162Page - Renesas Technology Corp R8C/17 Datasheet HTML 163Page - Renesas Technology Corp R8C/17 Datasheet HTML 164Page - Renesas Technology Corp R8C/17 Datasheet HTML 165Page - Renesas Technology Corp R8C/17 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 279 page
background image
R8C/16 Group, R8C/17 Group
15. I2C bus interface (IIC)
Rev.2.10
Jan 19, 2006
Page 149 of 254
REJ09B0169-0210
15.1
Transfer Clock
When the MST bit in the ICCR1 register is set to “0”, the transfer clock is the external clock input from the
SCL pin. When the MST bit in the ICCR1 register is set to “1”, the transfer clock is the internal clock
selected by the CKS0 to CKS3 bits in the ICCR1 register and the transfer clock is output from the SCL
pin. Table 15.2 lists the Example of Transfer Rate.
Table 15.2
Example of Transfer Rate
ICCR1 Register
Transfer Clock
Transfer Rate
CKS3 CKS2 CKS1 CKS0
f1=5MHz
f1=8MHz
f1=10MHz f1=16MHz f1=20MHz
0000
f1/28
179kHz
286kHz
357kHz
571kHz
714kHz
1
f1/40
125kHz
200kHz
250kHz
400kHz
500kHz
1
0
f1/48
104kHz
167kHz
208kHz
333kHz
417kHz
1
f1/64
78.1kHz
125kHz
156kHz
250kHz
313kHz
1
0
0
f1/80
62.5kHz
100kHz
125kHz
200kHz
250kHz
1
f1/100
50.0kHz
80.0kHz
100kHz
160kHz
200kHz
1
0
f1/112
44.6kHz
71.4kHz
89.3kHz
143kHz
179kHz
1
f1/128
39.1kHz
62.5kHz
78.1kHz
125kHz
156kHz
1000
f1/56
89.3kHz
143kHz
179kHz
286kHz
357kHz
1
f1/80
62.5kHz
100kHz
125kHz
200kHz
250kHz
1
0
f1/96
52.1kHz
83.3kHz
104kHz
167kHz
208kHz
1
f1/128
39.1kHz
62.5kHz
78.1kHz
125kHz
156kHz
1
0
0
f1/160
31.3kHz
50.0kHz
62.5kHz
100kHz
125kHz
1
f1/200
25.0kHz
40.0kHz
50.0kHz
80.0kHz
100kHz
1
0
f1/224
22.3kHz
35.7kHz
44.6kHz
71.4kHz
89.3kHz
1
f1/256
19.5kHz
31.3kHz
39.1kHz
62.5kHz
78.1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com