Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 157Page - Renesas Technology Corp R8C/17 Datasheet HTML 158Page - Renesas Technology Corp R8C/17 Datasheet HTML 159Page - Renesas Technology Corp R8C/17 Datasheet HTML 160Page - Renesas Technology Corp R8C/17 Datasheet HTML 161Page - Renesas Technology Corp R8C/17 Datasheet HTML 162Page - Renesas Technology Corp R8C/17 Datasheet HTML 163Page - Renesas Technology Corp R8C/17 Datasheet HTML 164Page - Renesas Technology Corp R8C/17 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 279 page
background image
R8C/16 Group, R8C/17 Group
15. I2C bus interface (IIC)
Rev.2.10
Jan 19, 2006
Page 148 of 254
REJ09B0169-0210
Figure 15.8
SAR, ICDRT, ICDRR and ICDRS Register
Slave Address Register
(1)
Symbol
Address
After Reset
SAR
00BDh
00h
Bit Symbol
Bit Name
Function
RW
1.
RW
Slave Address 6 to 0
Set the different address from the other slave
devices w hich are connected to the I2C bus.
When the 7 high-order bits of the first frame
transmitted after the starting condition match
the SVA0 to SVA6 bits in slave mode of the I2C
bus format, the microcomputer operates as a
slave device.
RW
RW
RW
RW
SVA3
SVA0
SVA1
SVA6
SVA5
SVA4
b4
RW
RW
FS
Format Select Bit
0 : I2C bus format
1 : Clock synchronous serial format
RW
SVA2
b7 b6
Refer to 20.6.1 Access of Registers Associated w ith IIC for the access of registers associated w ith IIC.
b3 b2
b0
b1
b5
IIC Bus Transmit Data Register
(1)
Symbol
Address
After Reset
ICDRT
00BEh
FFh
RW
1.
b0
b7 b6 b5 b4 b3 b2 b1
Refer to 20.6.1 Access of Registers Associated w ith IIC for the access of registers associated w ith IIC.
RW
Function
Store transmit data
When detecting that the ICDRS register is empty, the stored transmit data is transferred to the
ICDRS register and the starts transmit data.
When the next transmit data is w ritten to the ICDRT register during transmitting the data of the
ICDRS register, continuous transmit is enabled. When the MLS bit in the ICMR register is set to
“1” (data transferred by LSB-first) and after the data is w ritten to the ICDRT register, the MSB
and LSB inverted data is read.
IIC Bus Receive Data Register
(1)
Symbol
Address
After Reset
ICDRR
00BFh
FFh
RW
1.
b7 b6 b5 b4 b3 b2 b1 b0
Refer to 20.6.1 Access of Registers Associated w ith IIC for the access of registers associated w ith IIC.
Store receive data
When the ICDRS register receives 1-byte data, the receive data is transferred to the ICDRR
register and the next receive is enabled.
RO
Function
IIC Bus Shift Register
Symbol
ICDRS
RW
This register is a register that is used to transmit and receive data.
The transmit data is transferred from the ICRDT to ICDRS registers and data is transmitted
from the SDA pin w hen transmitting.
When 1-byte data is received, data is transferred from the ICDRS to ICDRR registers w hen
receiving.
—
Function
b3 b2 b1 b0
b7 b6 b5 b4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com