Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 172Page - Renesas Technology Corp R8C/17 Datasheet HTML 173Page - Renesas Technology Corp R8C/17 Datasheet HTML 174Page - Renesas Technology Corp R8C/17 Datasheet HTML 175Page - Renesas Technology Corp R8C/17 Datasheet HTML 176Page - Renesas Technology Corp R8C/17 Datasheet HTML 177Page - Renesas Technology Corp R8C/17 Datasheet HTML 178Page - Renesas Technology Corp R8C/17 Datasheet HTML 179Page - Renesas Technology Corp R8C/17 Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 279 page
background image
R8C/16 Group, R8C/17 Group
15. I2C bus interface (IIC)
Rev.2.10
Jan 19, 2006
Page 163 of 254
REJ09B0169-0210
15.4.1
Transmit Operation
In transmit mode, transmit data is output from the SDA pin synchronizing with the fall of the transfer
clock. The transfer clock is output when the MST bit in the ICCR1 register is set to “1” and input when
the MST bit is set to “0”. Figure 15.19 shows the Operating Timing in Transmit Mode (Clock
Synchronous Serial Mode).
The transmit procedure and operation in transmit mode are shown below.
(1) Set the ICE bit in the ICCR1 register to “1” (transfer operation enabled). Set the CKS0 to
CKS3 bits in the ICCR1 register and set the MST bit (initial setting).
(2) The TDRE bit in the ICSR register is set to “1” by selecting transmit mode after setting the TRS
bit in the ICCR1 register to “1”.
(3) Data is transferred from the ICDRT to ICDRS registers and the TDRE bit is automatically set
to “1” by writing transmit data to the ICDRT register after confirming that the TDRE bit is set to
“1”. When writing data to the ICDRT register every time the TDRE bit is set to “1”, the
continuous transmit is enabled. When switching from transmit to receive modes, set the TRS
bit to “0” while the TDRE bit is set to “1”.
Figure 15.19
Operating Timing in Transmit Mode (Clock Synchronous Serial Mode)
SDA
(Output)
SCL
8
7
b7
b1
b0
12
ICDRT Register
ICDRS Register
Process
by program
17
81
b6
b7
b0
b6
b0
TDRE Bit in
ICSR Register
“1”
“0”
TRS Bit in
ICCR1 Register
“1”
“0”
Data 1
Data 2
Data 3
Data 1
Data 2
Data 3
(2) Set TRS bit to “1”
(3) Data write to
ICDRT register
(3) Data write to
ICDRT register
(3) Data write to
ICDRT register
(3) Data write to
ICDRT register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com