Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 173Page - Renesas Technology Corp R8C/17 Datasheet HTML 174Page - Renesas Technology Corp R8C/17 Datasheet HTML 175Page - Renesas Technology Corp R8C/17 Datasheet HTML 176Page - Renesas Technology Corp R8C/17 Datasheet HTML 177Page - Renesas Technology Corp R8C/17 Datasheet HTML 178Page - Renesas Technology Corp R8C/17 Datasheet HTML 179Page - Renesas Technology Corp R8C/17 Datasheet HTML 180Page - Renesas Technology Corp R8C/17 Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 279 page
background image
R8C/16 Group, R8C/17 Group
15. I2C bus interface (IIC)
Rev.2.10
Jan 19, 2006
Page 164 of 254
REJ09B0169-0210
15.4.2
Receive Operation
In receive mode, data is latched at the rise of the transfer clock. The transfer clock is output when the
MST bit in the ICCR1 register is set to “1” and input when the MST bit is set to “0”.
Figure 15.20 shows the Operating Timing in Receive Mode (Clock Synchronous Serial Mode).
The receive procedure and operation in receive mode are shown below.
(1) Set the ICE bit in the ICCR1 register to “1” (transfer operation enabled). Set the CKS0 to
CKS3 bits in the ICCR1 register and set the MST bit (initial setting).
(2) The output of the receive clock stars by setting the MST bit to “1” when the transfer clock is
output.
(3) Data is transferred from the ICDRS to ICDRR registers and the RDRF bit in the ICSR register
is set to “1”, when the receive is completed. Since the following-byte data is enabled to receive
when the MST bit is set to “1”, the continuous clock is output. The continuous receive is
enabled by reading the ICDRR register every time the RDRF bit is set to “1”. An overrun is
detected at the rise of the 8th clock while the RDRF bit is set to “1”, the AL bit in the ICSR
register is set to “1”. At this time, the former receive data is retained in the ICDRR register.
(4) When the MST bit is set to “1”, set the RCVD bit in the ICCR1 register to “1” (disables the
following receive operation) and read the ICDRR register. The SCL signal is fixed “H” after the
receive of the following-byte data is completed.
Figure 15.20
Operating Timing in Receive Mode (Clock Synchronous Serial Mode)
SDA
(Input)
SCL
8
7
b7
b1
b0
12
ICDRR Register
ICDRS Register
Process
by program
17
81
b6
b7
b0
b6
b0
RDRF Bit in
ICSR Register
“1”
“0”
MST Bit in
ICCR1
“1”
“0”
Data 1
Data 2
(2) Set MST bit to “1”
(When transfer clock is output)
(3) Read ICDRR register
2
TRS Bit in
ICCR1
“1”
“0”
Data 2
Data 3
Data 1
(3) Read ICDRR register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com