Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 179Page - Renesas Technology Corp R8C/17 Datasheet HTML 180Page - Renesas Technology Corp R8C/17 Datasheet HTML 181Page - Renesas Technology Corp R8C/17 Datasheet HTML 182Page - Renesas Technology Corp R8C/17 Datasheet HTML 183Page - Renesas Technology Corp R8C/17 Datasheet HTML 184Page - Renesas Technology Corp R8C/17 Datasheet HTML 185Page - Renesas Technology Corp R8C/17 Datasheet HTML 186Page - Renesas Technology Corp R8C/17 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 279 page
background image
R8C/16 Group, R8C/17 Group
15. I2C bus interface (IIC)
Rev.2.10
Jan 19, 2006
Page 170 of 254
REJ09B0169-0210
Figure 15.26
Example of Register Setting in Slave Receive Mode
End
RDRF=1 ?
Slave Receive Mode
No
Yes
(1) Set the AAS bit to “0”(1)
(2) Set the ACKBT bit to the transmit device
(3) Dummy-read to the ICDRR register
(4) Wait 1 byte is received
(5) Judge (last receive - 1)
(6) Read the receive data
(7) Set the ACKBT bit of the last byte(1)
(8) Read the receive data of (last byte - 1)
(9) Wait the last byte is received
(10) Read the receive data of the last byte
Dummy-read in ICDRR register
Read RDRF bit in ICSR register
Last receive
- 1 ?
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(10)
(9)
ICIER Register ACKBT Bit
← 0
No
Yes
Read ICDRR register
ICIER Register
ACKBT Bit
← 1
Read ICDRR register
Read RDRF bit in ICSR register
RDRF=1 ?
Read ICDRR register
No
Yes
NOTES:
1. When receiving 1 byte, skip steps (2) to (6) after (1) and jump to process of step (7).
Process of step (8) is dummy-read in the ICDRR register.
ICSR Register
AAS Bit
← 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com