Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 186 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 182Page - Renesas Technology Corp R8C/17 Datasheet HTML 183Page - Renesas Technology Corp R8C/17 Datasheet HTML 184Page - Renesas Technology Corp R8C/17 Datasheet HTML 185Page - Renesas Technology Corp R8C/17 Datasheet HTML 186Page - Renesas Technology Corp R8C/17 Datasheet HTML 187Page - Renesas Technology Corp R8C/17 Datasheet HTML 188Page - Renesas Technology Corp R8C/17 Datasheet HTML 189Page - Renesas Technology Corp R8C/17 Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 279 page
background image
R8C/16 Group, R8C/17 Group
16. A/D Converter
Rev.2.10
Jan 19, 2006
Page 173 of 254
REJ09B0169-0210
Figure 16.2
ADCON0 and ADCON1 Registers
A/D Control Register 0
(1)
Symbol
Address
After Reset
ADCON0
00D6h
00000XXXb
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2.
3.
4.
When changing A/D operatio mode, set the analog input pin again.
Set øAD frequency to 10MHz or below .
CKS0
Frequency Select Bit 0
[When CKS1 in ADCON1 register = 0]
0 : Select f4
1 : Select f2
[When CKS1 in ADCON1 register = 1]
0 : Select f1(4)
1 : Do not set
RW
If the ADCON0 register is rew ritten during A/D conversion, the conversion result is indeterminate.
CH0 to CH2 bits are enabled w hen the ADGSEL0 bit is set to “1”. After setting the ADGSEL0 bit to “1”, w rite to the
CH0 to CH2 bits.
ADST
A/D Conversion Start Flag
0 : Disabes A/D conversion
1 : Starts A/D conversion
RW
ADCAP
A/D Conversion Automatic
Start Bit
0 : Starts in softw are trigger (ADST bit)
1 : Starts in capture (Requests Timer Z interrupt)
RW
0 : On-shot mode
1 : Repeat mode
RW
RW
ADGSEL0
RW
A/D Input Group Select Bit
0 : Disabled
1 : Enabled (AN8 to AN11)
CH1
RW
CH0
CH2
RW
Analog Input Pin Select
Bit(2)
b2 b1 b0
1 0 0 : AN8
1 0 1 : AN9
1 1 0 : AN10
1 1 1 : AN11
Other than above : Do not set
MD
A/D Operation Mode Select
Bit(3)
b7 b6 b5 b4
1
b3 b2 b1 b0
1
A/D Control Register 1
(1)
Symbol
Address
After Reset
ADCON1
00D7h
00h
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2.
3. When the VCUT bit is set to “1”(connected) from “0” (not connected), w ait for 1µs or more before starting
A/D conversion.
b3 b2
VCUT
b1 b0
00
Refer to a description of the CKS0 bit in the
ADCON0 register function
b7 b6 b5 b4
—
(b2-b0)
00
0
RW
If the ADCON1 register is rew ritten during A/D conversion, the conversion result is indeterminate.
CKS1
RW
RW
RW
—
(b6-b7)
Reserved Bit
Vref Connect Bit(3)
0 : Vref not connected
1 : Vref connected
Set the BITS bit to “0” (8-bit mode) in repeat mode.
Reserved Bit
Set to “0”
8/10-bit Mode Select Bit(2)
0 : 8-bit mode
1 : 10-bit mode
RW
Set to “0”
Frequency Select Bit 1
BITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com