Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 190 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 186Page - Renesas Technology Corp R8C/17 Datasheet HTML 187Page - Renesas Technology Corp R8C/17 Datasheet HTML 188Page - Renesas Technology Corp R8C/17 Datasheet HTML 189Page - Renesas Technology Corp R8C/17 Datasheet HTML 190Page - Renesas Technology Corp R8C/17 Datasheet HTML 191Page - Renesas Technology Corp R8C/17 Datasheet HTML 192Page - Renesas Technology Corp R8C/17 Datasheet HTML 193Page - Renesas Technology Corp R8C/17 Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 279 page
background image
R8C/16 Group, R8C/17 Group
16. A/D Converter
Rev.2.10
Jan 19, 2006
Page 177 of 254
REJ09B0169-0210
16.2
Repeat Mode
In repeat mode, the input voltage on one selected pin is A-D converted repeatedly. Table 16.3 lists the
Specifications of Repeat Mode. Figure 16.5 shows the ADCON0 and ADCON1 Registers in Repeat
Mode.
Table 16.3
Specifications of Repeat Mode
Item
Specification
Function
The Input voltage on one pin selected by CH2 to CH0 and ADGSEL0 bits
is A/D converted repeatedly
Start Condition
• When the ADCAP bit is set to “0” (software trigger)
Set the ADST bit to “1” (A-D conversion starts)
• When the ADCAP bit is set to “1” (capture)
Timer Z interrupt request is generated while the ADST bit is set to “1”
Stop Condition
Set the ADST bit to “0”
Interrupt Request
Generation Timing
Not generated
Input Pin
Select one of AN8 to AN11
Reading of A/D Conversion
Result
Read AD register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com