| Electronic Components Datasheet Search |
|
R8C/17 Datasheet(PDF) 193 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/17 Datasheet(HTML) 193 Page - Renesas Technology Corp |
|
193 / 279 page ![]() R8C/16 Group, R8C/17 Group 16. A/D Converter Rev.2.10 Jan 19, 2006 Page 180 of 254 REJ09B0169-0210 16.5 Internal Equivalent Circuit of Analog Input Figure 16.8 shows the Internal Equivalent Circuit of Analog Input. Figure 16.8 Internal Equivalent Circuit of Analog Input VCC Parasitic Diode Chopper-type Amplifier A/D Successive Conversion Register Comparison voltage b1 b2 b0 VCC VSS AN8 VSS i=4 AN11 VREF AVSS Vref Comparison reference voltage (Vref) generator SW1 SW2 AVCC AMP SW3 AVSS VIN SW4 SW2 SW1 Parasitic Diode ON Resistor Approx. 2k Ω Wiring Resistor Approx. 0.2k Ω ON Resistor Approx. 0.6k Ω ON Resistor Approx. 2k Ω Wiring Resistor Approx. 0.2k Ω i Ladder-type Switches A/D Control Register 0 ON Resistor Approx. 0.6k f Analog Input Voltage Sampling Control Signal ON Resistor Approx. 5k Ω C = Approx.1.5pF A/D Conversion Interrupt Request SW1 conducts only on the ports selected for analog input. SW2 and SW3 are open when A/D conversion is not in progress; their status varies as shown by the waveforms in the diagrams on the left. SW4 conducts only when A/D conversion is not in progress. Control signal for SW2 Control signal for SW3 Sampling Comparison Connect to Connect to Connect to Connect to NOTES: 1. Use only as a standard for designing this data. Mass production may cause some changes in device characteristics. i Ladder-type Wiring Resistors Resistor ladder Reference Control Signal |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |