Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 197Page - Renesas Technology Corp R8C/17 Datasheet HTML 198Page - Renesas Technology Corp R8C/17 Datasheet HTML 199Page - Renesas Technology Corp R8C/17 Datasheet HTML 200Page - Renesas Technology Corp R8C/17 Datasheet HTML 201Page - Renesas Technology Corp R8C/17 Datasheet HTML 202Page - Renesas Technology Corp R8C/17 Datasheet HTML 203Page - Renesas Technology Corp R8C/17 Datasheet HTML 204Page - Renesas Technology Corp R8C/17 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 279 page
background image
R8C/16 Group, R8C/17 Group
17. Programmable I/O Ports
Rev.2.10
Jan 19, 2006
Page 188 of 254
REJ09B0169-0210
Figure 17.7
PUR0 and PUR1 Registers
Figure 17.8
DRR Register
Pull-Up Control Register 0
Symbol
Address
After Reset
PUR0
00FCh
00XX0000b
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
RW
When this bit is set to “1” (pulled up), the pin w hose direct bit is set to “0” (input mode) is pulled up.
PU07
PU06
RW
RW
RW
P1_4 to P1_7 pull-up(1)
PU02
—
(b5-b4)
PU03
b3 b2 b1
0
b0
0
(b1-b0)
b7 b6 b5 b4
P1_0 to P1_3 pull-up(1)
Reserved Bit
P3_4 to P3_5 and P3_7 pll-up(1)
—
P3_3 pull-up(1)
RW
0 : Not pulled up
1 : Pulled up
Nothing is assigned. When w rite, set to “0”.
When read, its content is indeterminate.
0 : Not pulled up
1 : Pulled up
Set to “0”
Pull-up Control Register 1
Symbol
Address
After Reset
PUR1
00FDh
XXXXXX0Xb
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
—
PU11
P4_5 pull-up(1)
0 : Not pulled up
1 : Pulled up
RW
—
(b7-b2)
Nothing is assigned. When w rite, set to “0”.
When read, its content is indeterminate.
—
(b0)
Nothing is assigned. When w rite, set to “0”.
When read, its content is indeterminate.
b7 b6 b5 b4
b0
—
When the PU11 bit is set to “1” (pulled up) and the PD4_5 bit is set to “0” (input mode), the P4_5 pin is
pulled up.
b3 b2 b1
Port P1 Drive Capacity Control Register
Symbol
Address
After Reset
DRR
00FEh
00h
Bit Symbol
Bit Name
Function
RW
Reserved Bit
RW
Set P1 N-channel output transistor drive
capacity
0 : Low
1 : High
Set to “0”.
RW
P1_0 Drive Capacity
DRR3
P1_3 Drive Capacity
RW
RW
RW
P1_2 Drive Capacity
DRR1
P1_1 Drive Capacity
(b7-b4)
b3 b2 b1 b0
DRR0
DRR2
b7 b6 b5 b4
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com