Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 203 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 203 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 199Page - Renesas Technology Corp R8C/17 Datasheet HTML 200Page - Renesas Technology Corp R8C/17 Datasheet HTML 201Page - Renesas Technology Corp R8C/17 Datasheet HTML 202Page - Renesas Technology Corp R8C/17 Datasheet HTML 203Page - Renesas Technology Corp R8C/17 Datasheet HTML 204Page - Renesas Technology Corp R8C/17 Datasheet HTML 205Page - Renesas Technology Corp R8C/17 Datasheet HTML 206Page - Renesas Technology Corp R8C/17 Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 279 page
background image
R8C/16 Group, R8C/17 Group
17. Programmable I/O Ports
Rev.2.10
Jan 19, 2006
Page 190 of 254
REJ09B0169-0210
X: “0” or “1”
X: “0” or “1”
Table 17.7
Port P1_3/KI3/AN11/TZOUT Setting
Register
PD1
PUR0
DRR
KIEN
ADCON0
TZMR
TZOC
Function
Bit
PD1_3
PU02
DRR3
KI3EN
CH2, CH1, CH0,
ADGSEL0
TZMOD1,
TZMOD0
TZOCNT
Setting
Value
0
0
X
X
XXXXb
00b
X
Input port (not pulled up)
0
1
X
X
XXXXb
00b
X
Input port (pulled up)
0
0
X
1
XXXXb
00b
X
KI3 input
0
0
X
X
1111b
00b
X
A/D Converter input (AN11)
1
X
0
X
XXXXb
00b
X
Output port
1
X
1
X
XXXXb
00b
X
Output port (High drive)
X
X
0
X
XXXXb
01b
1
Output port
X
X
1
X
XXXXb
01b
1
Output port (High drive)
X
X
X
X
XXXXb
01b
0
TZOUT output
X
X
X
X
XXXXb
1Xb
X
TZOUT output
Table 17.8
Port P1_4/TXD0 Setting
Register
PD1
PUR0
U0MR
U0C0
Function
Bit
PD1_4
PU03
SMD2, SMD1, SMD0
NCH
Setting
Value
0
0
000b
X
Input port (not pulled up)
0
1
000b
X
Input port (pulled up)
1
X
000b
X
Output port
XX
001b
0
TXD0 output, CMOS output
100b
101b
110b
XX
001b
1
TXD0 output, N-channel open output
100b
101b
110b
Table 17.9
Port P1_5/RXD0/CNTR01/INT11 Setting
Register
PD1
PUR0
UCON
TXMR
Function
Bit
PD1_5
PU03
CNTRSEL
TXMOD1, TXMOD0
Setting
Value
0
0
X
XXb
Input port (not pulled up)
0
1
X
XXb
Input port (pulled up)
0
X
X
Other than 01b
RXD0 input
0
X
1
Other than 01b
CNTR01/INT11 input
1
X
X
Other than 01b
Output port
1
X
1
Other than 01b
CNTR01 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com